Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAM Datasheet(PDF) 1 Page - SOVICO corp.

Part # ADAM
Description  Advanced Digital Audio Matrix
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOVICO [SOVICO corp.]
Direct Link  http://sovico.co.kr/
Logo SOVICO - SOVICO corp.

ADAM Datasheet(HTML) 1 Page - SOVICO corp.

  ADAM Datasheet HTML 1Page - SOVICO corp. ADAM Datasheet HTML 2Page - SOVICO corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Innovating the Future of Global Communications
Technical Data Sheet
The RTS family of Digital Intercom Matrices is the
most extensive, widely used, scalable and backwards
compatible line of intercoms in the world today. The
high-end ADAM Matrix supports eight (8) to 880 users per
system; 272 ports possible in just a seven (7)
RU (Rack
Units) frame.
Utilizing a patented
TDM (Time Division Multiplex)
technique, the ADAM grows linearly as users are added.
The system comes standard with redundant power
supplies, and suports redundant controllers, allowing for
automatic change-over in the event of failure.
ADAM is available with a wide variety of Interface
cards in the industry, which includes the MADI-16, OMI,
AIO-16, AES-3, and RVON VoIP interfaces. It also has
the wide variety of cabling options, including RJ-11, RJ-
45, DB-9, jack fields, and many others.
With its second generation controller card, Ethernet
connectivity is acheived between the ADAM Intercom
and AZedit. ADAM can support 32 simultaneous AZedit
sessions.
• Individual cross-point level controls.
• Non-volatile configuration and crosspoint memory.
• Real-time, online configuration and monitoring.
• RTS
UPL (User Programmable Language) for custom
system configurations via pull down menus.
• Eight (8) GPIOs standard per frame, may be increased
up to 256.
• Multi-level IFB, ISO, Party-Lines, Groups, and GPI’s all
standard.
• Dual purpose ports support both keypanel and 4-wire
audio.
• Sizes from eight (8) to 880 users.
• Integrated support for RTS Intelligent Trunking of 32
matrices (ADAM-M, ADAM, ADAM-CS, Cronus, and
Zeus III).
• Compatible with ALL current and legacy RTS
keypanels and accessories.
• Supports custom cards for widely used industry
interface.
Features
ADAM
Advanced Digital Audio Matrix
Line Drawing
Ports 136 through 1
Ports 272 through 137
+2.1V
+2.1V
+5V
+5V
+15V
+15V
-15V
-15V
+5 V
+5 V
FUSE 2
FUSE 2
Ports 1 through 136
Ports 137 through 272
0
MCIIe
CONTROLLER
SYSTEM
2
1
15
7
1
3
2
5
4
6
11
9
8
10
13
12
14
22
16
18
17
20
19
21
23
RESET
0
MCIIe
CONTROLLER
SYSTEM
2
1
15
7
1
3
2
5
4
6
11
9
8
10
13
12
14
22
16
18
17
20
19
21
23
RESET
HIGH CURRENT REV 2
HIGH CURRENT REV 2


Similar Part No. - ADAM

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-2017PZ ADVANTECH-ADAM-2017PZ Datasheet
237Kb / 1P
Wireless 6-ch Analog Input Node with Power Amplifier
ADAM-2017PZ ADVANTECH-ADAM-2017PZ_15 Datasheet
237Kb / 1P
Wireless 6-ch Analog Input Node with Power Amplifier
ADAM-2031Z ADVANTECH-ADAM-2031Z Datasheet
1Mb / 1P
Wireless Temperature & Humidity Sensor Node
ADAM-2031Z ADVANTECH-ADAM-2031Z Datasheet
237Kb / 1P
Wireless 6-ch Analog Input Node with Power Amplifier
ADAM-2051PZ ADVANTECH-ADAM-2051PZ Datasheet
1Mb / 1P
Wireless 8-ch Digital Input Node with Power Amplifier
More results

Similar Description - ADAM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV6410A STMICROELECTRONICS-STV6410A Datasheet
205Kb / 22P
AUDIO/VIDEO SWITCH MATRIX
Dec-1998
STV6411A STMICROELECTRONICS-STV6411A Datasheet
191Kb / 20P
AUDIO/VIDEO SWITCH MATRIX
Dec-1998
TEA6422 STMICROELECTRONICS-TEA6422 Datasheet
168Kb / 10P
BUS-CONTROLLED AUDIO MATRIX
Sep-2003
TEA6430 STMICROELECTRONICS-TEA6430 Datasheet
105Kb / 10P
AUDIO CELLULAR MATRIX
STV6412A STMICROELECTRONICS-STV6412A Datasheet
472Kb / 24P
AUDIO/VIDEO SWITCH MATRIX
Sep-2003
STV6413 STMICROELECTRONICS-STV6413 Datasheet
626Kb / 28P
Audio/Video Switch Matrix
Feb-2004
TDA7344 STMICROELECTRONICS-TDA7344 Datasheet
201Kb / 20P
DIGITAL CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
Feb-1997
logo
YAMAHA CORPORATION
YSS944 YAMAHA-YSS944 Datasheet
906Kb / 34P
ADAMB Advanced Digital Audio Multi channel decode processor
logo
STMicroelectronics
STV6412B STMICROELECTRONICS-STV6412B Datasheet
501Kb / 32P
Audio/video switch matrix
28-Jul-2008
STV6414A STMICROELECTRONICS-STV6414A Datasheet
483Kb / 32P
Audio/video switch matrix
26-Jun-2008
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com