Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-R12F Datasheet(PDF) 7 Page - STMicroelectronics

Part # GS-R12F
Description  2A DC/DC converter modules
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-R12F Datasheet(HTML) 7 Page - STMicroelectronics

Back Button GS-R12F Datasheet HTML 3Page - STMicroelectronics GS-R12F Datasheet HTML 4Page - STMicroelectronics GS-R12F Datasheet HTML 5Page - STMicroelectronics GS-R12F Datasheet HTML 6Page - STMicroelectronics GS-R12F Datasheet HTML 7Page - STMicroelectronics GS-R12F Datasheet HTML 8Page - STMicroelectronics GS-R12F Datasheet HTML 9Page - STMicroelectronics GS-R12F Datasheet HTML 10Page - STMicroelectronics GS-R12F Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
GS-R12F
Application information
7/12
4.6
Thermal shutdown
The shutdown block generates a signal that turns off the power stage if the temperature of
the internal chip goes higher than a fixed internal threshold (150ºC min
).
The sensing element of the chip is very close to the PDMOS area, so ensuring an accurate
and fast temperature detection.
An hysteresis of approximately 20
° C avoids that the devices turns on and off continuously.
4.7
Output voltage programming (GS-R12F0002.0 only)
The GS-R12F0002.0 output voltage is 5.54V
±4%, to reduce this value connect a resistor
between pin 11 (FB) and pin 10 (Vout).
The resistor must be located very close to the proper pins, to minimize the injected noise
(see Figure 2).
The resistor value is calculated using the following formula:
Rv = [(Vout - 1.235) * 11.3] / 5.54 - Vout) --[kΩ]
Vout can be adjusted between 1.235V (Rv = 0 Ω) and 5.54V (Rv = open)
4.8
Loop compensation (GS-R12F0002.0 only)
If required by particular load conditions, it is possible to change the feedback loop
compensation, adding an external capacitor between pin 11 (FB) and pin 10 (Vout), which
will act as speed up (see Figure 3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com