Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-R12F Datasheet(PDF) 3 Page - STMicroelectronics

Part # GS-R12F
Description  2A DC/DC converter modules
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-R12F Datasheet(HTML) 3 Page - STMicroelectronics

  GS-R12F Datasheet HTML 1Page - STMicroelectronics GS-R12F Datasheet HTML 2Page - STMicroelectronics GS-R12F Datasheet HTML 3Page - STMicroelectronics GS-R12F Datasheet HTML 4Page - STMicroelectronics GS-R12F Datasheet HTML 5Page - STMicroelectronics GS-R12F Datasheet HTML 6Page - STMicroelectronics GS-R12F Datasheet HTML 7Page - STMicroelectronics GS-R12F Datasheet HTML 8Page - STMicroelectronics GS-R12F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
GS-R12F
Pin settings
3/12
1
Pin settings
1.1
Pin connection
Figure 1.
Pin connection and mechanical data (dimensions in mm)
1.2
Pin description
Table 1.
Pin description
Name
Function
Description
1INH
A logic high level disables the device. When the pin is open, an
internal pull up disables the device
2Vref
3.3V reference voltage
3
Input +
DC input voltage
4
Input +
DC input voltage
5
Input GND
Return for input voltage source
6
Input GND
Return for input voltage source
7
Output GND
Return for output voltage source
8
Output GND
Return for output voltage source
9Vout
Regulated power output
10
Vout
Regulated power output
11
FB
Feedback input, available on adjustable device and on request for
additional compensation
12
Sync
Master/Slave synchronization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com