Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-R12F0182.0 Datasheet(PDF) 10 Page - STMicroelectronics

Part # GS-R12F0182.0
Description  2A DC/DC converter modules
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-R12F0182.0 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button GS-R12F0182.0 Datasheet HTML 4Page - STMicroelectronics GS-R12F0182.0 Datasheet HTML 5Page - STMicroelectronics GS-R12F0182.0 Datasheet HTML 6Page - STMicroelectronics GS-R12F0182.0 Datasheet HTML 7Page - STMicroelectronics GS-R12F0182.0 Datasheet HTML 8Page - STMicroelectronics GS-R12F0182.0 Datasheet HTML 9Page - STMicroelectronics GS-R12F0182.0 Datasheet HTML 10Page - STMicroelectronics GS-R12F0182.0 Datasheet HTML 11Page - STMicroelectronics GS-R12F0182.0 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Ordering scheme
GS-R12F
10/12
6
Ordering scheme
Table 6.
Ordering information scheme
GS-
R12
F018
2.0
Input Voltage
12 = 12V
Output Voltage
018 = 1.8V
025 = 2.5V
033 = 3.3V
050 = 5.0V
000 = 1.235
÷ 5.5V
Output Current
2.0 = 2A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com