Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-R12F0182.0 Datasheet (PDF) - STMicroelectronics

GS-R12F0182.0 Datasheet PDF - STMicroelectronics
Part # GS-R12F0182.0
Download  GS-R12F0182.0 Download
File Size   202.83 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2A DC/DC converter modules

GS-R12F0182.0 Datasheet (PDF)

Go To PDF Page Download Datasheet
GS-R12F0182.0 Datasheet PDF - STMicroelectronics

Part # GS-R12F0182.0
Download  GS-R12F0182.0 Click to download

File Size   202.83 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2A DC/DC converter modules

GS-R12F0182.0 Datasheet (HTML) - STMicroelectronics


GS-R12F0182.0 Product details

Description
The GS-R12F series is a family of high efficiency step down switching voltage regulator, designed to replace linear regulators.
Based on ST L5973 device, these non isolated regulators are suitable for various applications, including telecom, industry, computer and distributed power supply system having a wide range input voltage.

Features
■ MTBF 1 000 000 hours (TA = 25 °C)
■ 2 A max output current
■ 16 V max input voltage
■ 1.5 V max drop-out voltage
■ Remote logic inhibit/enable
■ Synchronization
■ Not-latching overload and short circuit protection
■ Thermal shutdown
■ Fixed or adjustable output
■ No heatsink required
■ Operating temperature range -25 °C ÷ 85 °C




Similar Part No. - GS-R12F0182.0

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS-R12F STMICROELECTRONICS-GS-R12F Datasheet
372Kb / 13P
2 A DC-DC converter modules
25-Feb-2008
GS-R12FP STMICROELECTRONICS-GS-R12FP Datasheet
447Kb / 14P
1.9 A DC-DC converter modules
27-Feb-2008
GS-R12F STMICROELECTRONICS-GS-R12F_08 Datasheet
372Kb / 13P
2 A DC-DC converter modules
25-Feb-2008
More results


Similar Description - GS-R12F0182.0

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS-R24F STMICROELECTRONICS-GS-R24F Datasheet
203Kb / 12P
2A DC/DC converter modules
13-Oct-2006
logo
YOBON TECHNOLOGIES,INC.
YB1693 YOBON-YB1693 Datasheet
296Kb / 8P
2A / 150KHz Buck DC-DC Converter
logo
Taiwan Semiconductor Co...
TS2596S TSC-TS2596S Datasheet
578Kb / 10P
2A / 150KHz Buck Dc-Dc Converter
logo
ACE Technology Co., LTD...
ACE722A ACE-ACE722A Datasheet
179Kb / 9P
2A PWM BUCK DC-DC Converter
VER 1.2
logo
Taiwan Semiconductor Co...
TS2596S TSC-TS2596S_07 Datasheet
718Kb / 9P
2A / 150KHz Buck Dc-Dc Converter
TS2596S TSC-TS2596S_09 Datasheet
718Kb / 9P
2A / 150KHz Buck Dc-Dc Converter
logo
Lineage Power Corporati...
KSTW002A5B LINEAGEPOWER-KSTW002A5B Datasheet
1Mb / 16P
DC-DC Converter Power Modules
logo
Peregrine Semiconductor
PE99151DIE PSEMI-PE99151DIE Datasheet
1Mb / 15P
Hi-Rel 2A DC-DC Converter
logo
Unisonic Technologies
P3576 UTC-P3576_18 Datasheet
145Kb / 6P
2A PWM BUCK DC/DC CONVERTER
logo
ARTSCHIP ELECTRONICS CO...
MPS1410 ARTSCHIP-MPS1410 Datasheet
350Kb / 7P
2A Step Down DC/DC Converter
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com