Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-R12FP Datasheet (PDF) - STMicroelectronics

GS-R12FP Datasheet PDF - STMicroelectronics
Part # GS-R12FP
Download  GS-R12FP Download
File Size   447.52 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1.9 A DC-DC converter modules

GS-R12FP Datasheet (PDF)

Go To PDF Page Download Datasheet
GS-R12FP Datasheet PDF - STMicroelectronics

Part # GS-R12FP
Download  GS-R12FP Click to download

File Size   447.52 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1.9 A DC-DC converter modules

GS-R12FP Datasheet (HTML) - STMicroelectronics


GS-R12FP Product details

Description
The GS-R12FP series is a family of high efficiency step down switching voltage regulator, designed to replace linear regulators.
Based on L5973AD device, this non isolated family of regulators are suitable for the full spectrum of applications including telecom, industry, computer and distributed power system applications having a widely ranging input voltage.

Features
■ MTBF 1 000 000 hours (TA = 25 °C)
■ 1.9 A max output current
■ 16 V max input voltage
■ 1.5 V max drop-out voltage
■ Remote logic inhibit/enable
■ Synchronization
■ Not-latching overload and short circuit protection
■ Thermal shutdown
■ Fixed or adjustable output
■ No heatsink required
■ Operating temperature range -25 °C ÷ 85 °C




Similar Part No. - GS-R12FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS-R12F STMICROELECTRONICS-GS-R12F Datasheet
202Kb / 12P
2A DC/DC converter modules
16-Oct-2006
GS-R12F STMICROELECTRONICS-GS-R12F Datasheet
372Kb / 13P
2 A DC-DC converter modules
25-Feb-2008
GS-R12F0002.0 STMICROELECTRONICS-GS-R12F0002.0 Datasheet
202Kb / 12P
2A DC/DC converter modules
16-Oct-2006
GS-R12F0182.0 STMICROELECTRONICS-GS-R12F0182.0 Datasheet
202Kb / 12P
2A DC/DC converter modules
16-Oct-2006
GS-R12F0252.0 STMICROELECTRONICS-GS-R12F0252.0 Datasheet
202Kb / 12P
2A DC/DC converter modules
16-Oct-2006
More results


Similar Description - GS-R12FP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MES1206 ETC1-MES1206 Datasheet
243Kb / 5P
DC-to-DC Converter Modules
logo
STMicroelectronics
GS-R24F STMICROELECTRONICS-GS-R24F Datasheet
203Kb / 12P
2A DC/DC converter modules
13-Oct-2006
GS-R12F STMICROELECTRONICS-GS-R12F Datasheet
202Kb / 12P
2A DC/DC converter modules
16-Oct-2006
GS-R24F STMICROELECTRONICS-GS-R24F_08 Datasheet
369Kb / 13P
2 A DC-DC converter modules
27-Feb-2008
GS-R12F STMICROELECTRONICS-GS-R12F_08 Datasheet
372Kb / 13P
2 A DC-DC converter modules
25-Feb-2008
GS-R24FP STMICROELECTRONICS-GS-R24FP Datasheet
454Kb / 15P
1.8 A DC-DC converter modules
27-Feb-2008
logo
Lineage Power Corporati...
KSTW002A5B LINEAGEPOWER-KSTW002A5B Datasheet
1Mb / 16P
DC-DC Converter Power Modules
logo
Texas Instruments
DCP010505B TI1-DCP010505B_15 Datasheet
1Mb / 30P
Unregulated DC/DC Converter Modules
logo
XFMRS Inc.
XF5006-5S2R XFMRS-XF5006-5S2R Datasheet
53Kb / 1P
DC/DC CONVERTER ISOLATION MODULES
logo
Vicor Corporation
DCM VICOR-DCM Datasheet
131Kb / 2P
Isolated, Regulated DC-DC Converter Modules
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com