Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-R12FP Datasheet(PDF) 9 Page - STMicroelectronics

Part # GS-R12FP
Description  1.9 A DC-DC converter modules
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-R12FP Datasheet(HTML) 9 Page - STMicroelectronics

Back Button GS-R12FP Datasheet HTML 5Page - STMicroelectronics GS-R12FP Datasheet HTML 6Page - STMicroelectronics GS-R12FP Datasheet HTML 7Page - STMicroelectronics GS-R12FP Datasheet HTML 8Page - STMicroelectronics GS-R12FP Datasheet HTML 9Page - STMicroelectronics GS-R12FP Datasheet HTML 10Page - STMicroelectronics GS-R12FP Datasheet HTML 11Page - STMicroelectronics GS-R12FP Datasheet HTML 12Page - STMicroelectronics GS-R12FP Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
GS-R12FP
Application information
9/14
4.9
Soldering
Soldering phase has to be execute with care : in order to avoid undesired melting
phenomenon, particular attention has to be take on the set up of the peak temperature.
Here following some suggestions for the temperature profile based on
IPC/JEDEC J-STD-020C ,July 2004 recommendations.
Figure 3.
Soldering
Table 7.
Soldering
Profile feature
PB free assembly
Average ramp up rate ( TSMAX to TP)
3 °C / sec max
Preheat
Temperature min ( TS MIN)
Temperature max ( TS MAX)
Time (TS MIN to TS MAX) ( tS )
150 °C
200 °C
60 – 100 sec
Time maintained above :
Temperature TL
Time tL
217 °C
40 – 70 sec
Peak temperature (TP)
240 + 0 °C
Time within 5 °C of actual peak temperature (tP)
10 – 20 sec
Ramp down rate
6 °C / sec
Time from 25 °C to peak temperature
8 minutes max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com