Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-R12FP Datasheet(PDF) 7 Page - STMicroelectronics

Part # GS-R12FP
Description  1.9 A DC-DC converter modules
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-R12FP Datasheet(HTML) 7 Page - STMicroelectronics

Back Button GS-R12FP Datasheet HTML 3Page - STMicroelectronics GS-R12FP Datasheet HTML 4Page - STMicroelectronics GS-R12FP Datasheet HTML 5Page - STMicroelectronics GS-R12FP Datasheet HTML 6Page - STMicroelectronics GS-R12FP Datasheet HTML 7Page - STMicroelectronics GS-R12FP Datasheet HTML 8Page - STMicroelectronics GS-R12FP Datasheet HTML 9Page - STMicroelectronics GS-R12FP Datasheet HTML 10Page - STMicroelectronics GS-R12FP Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
GS-R12FP
Application information
7/14
4
Application information
4.1
Input voltage
The recommended maximum operating DC input voltage is 15 V including ripple voltage.
4.2
Reference voltage
No capacitor is required for stability.
4.3
Inhibit function
The inhibit feature allows to put the device in stand-by mode.
With INH pin 1 is higher than 2.2 V the device is disabled and the current consumption is
reduced to less than 100 µA for Vi = 15 V.
With INH pin lower than 0.8 V, the device is enabled.
If the INH pin is left floating, an internal pull up ensures that the voltage at the pin reaches
the inhibit threshold and the device is disabled.
The pin can be pulled to Vi to disable the device.
4.4
Multiple units synchronization
Using more than one unit on the same circuit, it is possible to synchronize the switching
frequency, connecting all pin 2 together (see Figure 6).
The unit with higher frequency becomes the master.
4.5
Current limitation
The device has two current limit protections, pulse by pulse and frequency fold back.
The current is sensed through a resistor and if it reaches the threshold, the on time is
reduced and consequently the output voltage, too.
Since the minimum switch ON time (necessary to avoid false overcurrent signal) is not
enough to obtain a sufficiently low duty cycle at 500 Hz, the output current could increase
again, in strong overcurrent or short circuit conditions.
For this reason the switching frequency is also reduced to keep the inductor current within
its maximum threshold limit.
The frequency depends on the feedback voltage.
As the feedback voltage decreases (due to the reduced duty cycle), the switching frequency
decrease too.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com