Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-R12FP Datasheet(PDF) 1 Page - STMicroelectronics

Part # GS-R12FP
Description  1.9 A DC-DC converter modules
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-R12FP Datasheet(HTML) 1 Page - STMicroelectronics

  GS-R12FP Datasheet HTML 1Page - STMicroelectronics GS-R12FP Datasheet HTML 2Page - STMicroelectronics GS-R12FP Datasheet HTML 3Page - STMicroelectronics GS-R12FP Datasheet HTML 4Page - STMicroelectronics GS-R12FP Datasheet HTML 5Page - STMicroelectronics GS-R12FP Datasheet HTML 6Page - STMicroelectronics GS-R12FP Datasheet HTML 7Page - STMicroelectronics GS-R12FP Datasheet HTML 8Page - STMicroelectronics GS-R12FP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Preliminary Data
This is preliminary information on a new product in development or undergoing evaluation.
Details are subject to change without notice.
February 2008
Rev 2
1/14
14
GS-R12FP
1.9 A DC-DC converter modules
Features
MTBF 1 000 000 hours (TA = 25 °C)
1.9 A max output current
16 V max input voltage
1.5 V max drop-out voltage
Remote logic inhibit/enable
Synchronization
Not-latching overload and short circuit
protection
Thermal shutdown
Fixed or adjustable output
No heatsink required
Operating temperature range -25 °C ÷ 85 °C
Description
The GS-R12FP series is a family of high
efficiency step down switching voltage regulator,
designed to replace linear regulators.
Based on L5973AD device, this non isolated
family of regulators are suitable for the full
spectrum of applications including telecom,
industry, computer and distributed power system
applications having a widely ranging input
voltage.
Packing type: V = vertical PTH
Packing type: S = horizontal SMD
www.st.com
Table 1.
Device summary
Order codes
Output voltage
[V]
Input voltage
[V]
Output ripple
[mVpp]
Efficiency
[%]
Notes
GS-R12FP0181.9
1.8 ± 4%
4.5 ÷ 15
25
63 - 68
Fixed output voltage
GS-R12FP0251.9
2.5 ± 4%
4.5 ÷ 15
25
70 - 73
Fixed output voltage
GS-R12FP0331.9
3.3 ± 4%
4.5 ÷ 15
25
74 - 77
Fixed output voltage
GS-R12FP0501.9
5.0 ± 4%
6.6 ÷ 15
25
82 - 83
Fixed output voltage
GS-R12FP0001.9
1.235 ÷ 5.5
4.5 ÷ 15
25
61 - 83
Progr. output voltage


Similar Part No. - GS-R12FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS-R12F STMICROELECTRONICS-GS-R12F Datasheet
202Kb / 12P
2A DC/DC converter modules
16-Oct-2006
GS-R12F STMICROELECTRONICS-GS-R12F Datasheet
372Kb / 13P
2 A DC-DC converter modules
25-Feb-2008
GS-R12F0002.0 STMICROELECTRONICS-GS-R12F0002.0 Datasheet
202Kb / 12P
2A DC/DC converter modules
16-Oct-2006
GS-R12F0182.0 STMICROELECTRONICS-GS-R12F0182.0 Datasheet
202Kb / 12P
2A DC/DC converter modules
16-Oct-2006
GS-R12F0252.0 STMICROELECTRONICS-GS-R12F0252.0 Datasheet
202Kb / 12P
2A DC/DC converter modules
16-Oct-2006
More results

Similar Description - GS-R12FP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MES1206 ETC1-MES1206 Datasheet
243Kb / 5P
DC-to-DC Converter Modules
logo
STMicroelectronics
GS-R24F STMICROELECTRONICS-GS-R24F Datasheet
203Kb / 12P
2A DC/DC converter modules
13-Oct-2006
GS-R12F STMICROELECTRONICS-GS-R12F Datasheet
202Kb / 12P
2A DC/DC converter modules
16-Oct-2006
GS-R24F STMICROELECTRONICS-GS-R24F_08 Datasheet
369Kb / 13P
2 A DC-DC converter modules
27-Feb-2008
GS-R12F STMICROELECTRONICS-GS-R12F_08 Datasheet
372Kb / 13P
2 A DC-DC converter modules
25-Feb-2008
GS-R24FP STMICROELECTRONICS-GS-R24FP Datasheet
454Kb / 15P
1.8 A DC-DC converter modules
27-Feb-2008
logo
Lineage Power Corporati...
KSTW002A5B LINEAGEPOWER-KSTW002A5B Datasheet
1Mb / 16P
DC-DC Converter Power Modules
logo
Texas Instruments
DCP010505B TI1-DCP010505B_15 Datasheet
1Mb / 30P
Unregulated DC/DC Converter Modules
logo
XFMRS Inc.
XF5006-5S2R XFMRS-XF5006-5S2R Datasheet
53Kb / 1P
DC/DC CONVERTER ISOLATION MODULES
logo
Vicor Corporation
DCM VICOR-DCM Datasheet
131Kb / 2P
Isolated, Regulated DC-DC Converter Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com