Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-R12FP Datasheet(PDF) 10 Page - STMicroelectronics

Part # GS-R12FP
Description  1.9 A DC-DC converter modules
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-R12FP Datasheet(HTML) 10 Page - STMicroelectronics

Back Button GS-R12FP Datasheet HTML 6Page - STMicroelectronics GS-R12FP Datasheet HTML 7Page - STMicroelectronics GS-R12FP Datasheet HTML 8Page - STMicroelectronics GS-R12FP Datasheet HTML 9Page - STMicroelectronics GS-R12FP Datasheet HTML 10Page - STMicroelectronics GS-R12FP Datasheet HTML 11Page - STMicroelectronics GS-R12FP Datasheet HTML 12Page - STMicroelectronics GS-R12FP Datasheet HTML 13Page - STMicroelectronics GS-R12FP Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Additional features and protections
GS-R12FP
10/14
5
Additional features and protections
5.1
Output overvoltage protection
The overvoltage protection, OVP, is realized by using an internal comparator, whose input is
connected to the feedback. It turns off the power stage when the OVP threshold is reached.
This threshold is typically 30 % higher than the feedback voltage.
Figure 6.
Multiple units synchronization
Figure 4.
Output voltage programming
Figure 5.
Loop compensation
Rv
Rload
4, 5
6, 7
10
8, 9
GS-RxxFp000z.z
Vout
Vin
Cc
Rv
Rload
4, 5
6, 7
10
8, 9
GS-RxxFp000z.z
Vout
Vin
GS-RxxFpyyyz.z
4, 5
6, 7
Vin
2
Rload
Vout
8, 9
Rload
4, 5
6, 7
2
8, 9
GS-RxxFpyyyz.z
Vout
Vin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com