Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-R12F0252.0 Datasheet(PDF) 1 Page - STMicroelectronics

Part # GS-R12F0252.0
Description  2A DC/DC converter modules
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-R12F0252.0 Datasheet(HTML) 1 Page - STMicroelectronics

  GS-R12F0252.0 Datasheet HTML 1Page - STMicroelectronics GS-R12F0252.0 Datasheet HTML 2Page - STMicroelectronics GS-R12F0252.0 Datasheet HTML 3Page - STMicroelectronics GS-R12F0252.0 Datasheet HTML 4Page - STMicroelectronics GS-R12F0252.0 Datasheet HTML 5Page - STMicroelectronics GS-R12F0252.0 Datasheet HTML 6Page - STMicroelectronics GS-R12F0252.0 Datasheet HTML 7Page - STMicroelectronics GS-R12F0252.0 Datasheet HTML 8Page - STMicroelectronics GS-R12F0252.0 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
October 2006
Rev 1
1/12
12
GS-R12F
2A DC/DC converter modules
Features
■ MTBF 1 000 000 hours (TA = 25
° C)
■ 2A max output current
■ 16V max input voltage
■ 1.5V max drop-out voltage
■ Remote logic inhibit/enable
■ Synchronization
■ Not-latching overload and short circuit
protection
■ Thermal shutdown
■ Fixed or adjustable output
■ No heatsink required
■ Operating temperature range -25°C ÷ 85°C
Description
The GS-R12F series is a family of high efficiency
step down switching voltage regulator, designed
to replace linear regulators.
Based on ST L5973 device, these non isolated
regulators are suitable for various applications,
including telecom, industry, computer and
distributed power supply system having a wide
range input voltage.
www.st.com
Order codes
Part number
Output Voltage
[V]
Input Voltage
[V]
Output Ripple
[mVpp]
Efficiency
[%]
Notes
GS-R12F0182.0
1.8 ± 4%
4.5 ÷ 15
20
72
Fixed output voltage
GS-R12F0252.0
2.5 ± 4%
4.5 ÷ 15
20
76
Fixed output voltage
GS-R12F0332.0
3.3 ± 4%
4.5 ÷ 15
20
82
Fixed output voltage
GS-R12F0502.0
5.0 ± 4%
6.6 ÷ 15
20
85
Fixed output voltage
GS-R12F0002.0
1.235 ÷ 5.5
4.5 ÷ 15
20
68 ÷ 85
Progr. output voltage


Similar Part No. - GS-R12F0252.0

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS-R12F STMICROELECTRONICS-GS-R12F Datasheet
372Kb / 13P
2 A DC-DC converter modules
25-Feb-2008
GS-R12FP STMICROELECTRONICS-GS-R12FP Datasheet
447Kb / 14P
1.9 A DC-DC converter modules
27-Feb-2008
GS-R12F STMICROELECTRONICS-GS-R12F_08 Datasheet
372Kb / 13P
2 A DC-DC converter modules
25-Feb-2008
More results

Similar Description - GS-R12F0252.0

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS-R24F STMICROELECTRONICS-GS-R24F Datasheet
203Kb / 12P
2A DC/DC converter modules
13-Oct-2006
logo
YOBON TECHNOLOGIES,INC.
YB1693 YOBON-YB1693 Datasheet
296Kb / 8P
2A / 150KHz Buck DC-DC Converter
logo
Taiwan Semiconductor Co...
TS2596S TSC-TS2596S Datasheet
578Kb / 10P
2A / 150KHz Buck Dc-Dc Converter
logo
ACE Technology Co., LTD...
ACE722A ACE-ACE722A Datasheet
179Kb / 9P
2A PWM BUCK DC-DC Converter
VER 1.2
logo
Taiwan Semiconductor Co...
TS2596S TSC-TS2596S_07 Datasheet
718Kb / 9P
2A / 150KHz Buck Dc-Dc Converter
TS2596S TSC-TS2596S_09 Datasheet
718Kb / 9P
2A / 150KHz Buck Dc-Dc Converter
logo
Lineage Power Corporati...
KSTW002A5B LINEAGEPOWER-KSTW002A5B Datasheet
1Mb / 16P
DC-DC Converter Power Modules
logo
Peregrine Semiconductor
PE99151DIE PSEMI-PE99151DIE Datasheet
1Mb / 15P
Hi-Rel 2A DC-DC Converter
logo
Unisonic Technologies
P3576 UTC-P3576_18 Datasheet
145Kb / 6P
2A PWM BUCK DC/DC CONVERTER
logo
ARTSCHIP ELECTRONICS CO...
MPS1410 ARTSCHIP-MPS1410 Datasheet
350Kb / 7P
2A Step Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com