Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3CH401L Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI3CH401L
Description  Low Voltage, 5廓, 4-Channel 2-Port NanoSwitch?
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3CH401L Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI3CH401L Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3CH401L Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3CH401L Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3CH401L Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3CH401L Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3CH401L Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3CH401L Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3CH401L Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
P-0.4
07/27/04
PI3CH401
Low Voltage, 5Ω, 4-Channel
2-Port NanoSwitch™
ADVANCE INFORMATION
Notes:
1. See test circuit and waveforms.
2. This parameter is guaranteed but not tested on Propagation Delays.
3. The switch contributes no propagational delay other than the RC delay of the On-Resistance of the switch and the load capacitance. The time
constant for the switch alone is of the order of 0.25ns for 10pF load. Since this time constant is much smaller than the rise/fall times of typical
driving signals, it adds very little propagational delay to the system. Propagational delay of the switch when used in a system is determined by
the driving circuit on the driving side of the switch and its interaction with the load on the driven side.
Switching Characteristics over 3.3V Operating Range
Parameters
Description
Conditions(1)
Com.
Units
Min.
Typ.
Max.
tPLH
tPHL
Propogation Delay(2,3) Ax to Bx,Bx to Ax
See Test Diagram
0.3
ns
tPZH
tPZL
Enable Time ENx to Ax or Bx
See Test Diagram
1.5
9.0
tPHZ
tPLZ
Disable Time ENx to Ax or Bx
1.5
9.0
Switching Characteristics over 2.5V Operating Range
Parameters
Description
Conditions(1)
Com.
Units
Min.
Max.
tPLH
tPHL
Propogation Delay(2,3) Ax to Bx,Bx to Ax
See Test Diagram
0.3
ns
tPZH
tPZL
Enable Time ENx to Ax or Bx
See Test Diagram
1.5
15.0
tPHZ
tPLZ
Disable Time ENx to Ax or Bx
1.5
12.0
Dynamic Electrical Characteristics Over the Operating Range (TA = -40º to +85º, VCC = 3.3V ± 10%)
Parameter
Description
Test Condition
Min.
Typ.
Max.
Units
XTALK
Crosstalk
10 MHz
-78
dB
OIRR
Off-Isolation
10 MHz
-60
BW
-3dB Bandwidth
See Test Diagram
200
500
MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com