Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3CH401L Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3CH401L
Description  Low Voltage, 5廓, 4-Channel 2-Port NanoSwitch?
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3CH401L Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3CH401L Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3CH401L Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3CH401L Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3CH401L Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3CH401L Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3CH401L Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3CH401L Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3CH401L Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
P-0.4
07/27/04
Pin Name
Description
ENx
Switch Enable
A3 - A0
A Ports
B3 - B0
B Ports
GND
Ground
VCC
Power
Truth Table(1)
ENx
Ax
Bx
VCC
Function
X(2)
Hi-Z
Hi-Z
GND
Disconnect
L
Hi-Z
Hi-Z
VCC
Disconnect
H
Bx
Ax
VCC
Connect
Pin Configuration
Pin Description
Features
• Near-Zero propagation delay
• 5Ω switches connect inputs to outputs
• High signal passing bandwidth (500 MHz)
• Beyond Rail-to-Rail switching
• 5V I/O tolerant with 3.3V supply in OFF and ON state
• 2.5V and 3.3V supply voltage operation
• Hot insertion capable
• Industrial operating temperature: -40ºC to +85ºC
• 2KV ESD protection (human body model)
• Latch-up performance >250mA per JESD17
• Packaging (Pb-free & Green available):
– 16-pin 170-mil wide plastic TSSOP (L)
– 16-pin 150-mil wide plastic QSOP (Q)
– 20-contact TQFN (ZH)
Block Diagram
Low Voltage, 5Ω, 4-Channel
2-Port NanoSwitch™
Notes:
1. H = High Voltage Level
L = Low Voltage Level
Hi-Z = High-Impedance
2. A pull-up resistor should be provided for power-up protection.
Description
Pericom Semiconductor’s PI3CH series of switch circuits are
produced using the Company’s advanced submicron CMOS
technology, achieving industry leading performance.
ThePI3CH401 isalowvoltage,4-channelswitchdesigned withfast
indiviual enables. The switch introduces no additional propagation
delay or additional ground bounce noise.
Applications
• High Bandwidth Data Switching
• Hot-Docking
• Analog Signal Switching
• Differential Signal Switching
PI3CH401
Notes:
1. N.C = No internal connection
ADVANCE INFORMATION
A0
A1
A2
EN0
EN1
A3
EN2
EN3
B0
B1
B2
B3
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VCC
EN3
A3
B3
EN2
A2
B2
N.C.
N.C.
EN0
A0
B0
EN1
A1
B1
GND
N.C.
EN3
A3
B3
EN2
A2
B2
N.C.
N.C.
EN0
A0
B0
EN1
A1
B1
N.C.
19
18
17
16
15
14
13
12
1
20
10
11
2
3
4
5
6
7
8
9
16
Pin
L, Q
20
Contact
ZH


Similar Part No. - PI3CH401L

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3CH401LE PERICOM-PI3CH401LE Datasheet
397Kb / 6P
4-Bit Bus Switch, Enable High 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PI3CH401LEX PERICOM-PI3CH401LEX Datasheet
397Kb / 6P
4-Bit Bus Switch, Enable High 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
More results

Similar Description - PI3CH401L

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B34X245 PERICOM-PI3B34X245 Datasheet
122Kb / 4P
3.3V, 32-Bit, 2-Port NanoSwitch
PI3B16245 PERICOM-PI3B16245 Datasheet
147Kb / 3P
3.3V, 16-Bit, 2-Port NanoSwitch?
PI3B3383 PERICOM-PI3B3383 Datasheet
53Kb / 5P
3.3V, 5-Bit, 4-Port Bus Exchange NanoSwitch
PI3CH480 PERICOM-PI3CH480 Datasheet
449Kb / 8P
Low Voltage, High-Bandwidth, 4-Channel 2:1 Mux/Demux, NanoSwitch
PI3B3125 PERICOM-PI3B3125 Datasheet
414Kb / 6P
3.3V, 4-Bit, 2-Port Nanoswitch w/Individual Enables
PI3CH800 PERICOM-PI3CH800 Datasheet
579Kb / 8P
LOW Voltage, 5?? 8-Channel 2-Port NanoSwitch?
PI3CH200 PERICOM-PI3CH200 Datasheet
640Kb / 8P
Low Voltage, 5廓, 2-Channel 2-Port NanoSwitch?
PI3CH400 PERICOM-PI3CH400 Datasheet
579Kb / 8P
Low Voltage, 5廓, 4-Channel 2-Port NanoSwitch?
PI3CH1000 PERICOM-PI3CH1000 Datasheet
571Kb / 8P
Low Voltage, 5-Ohm, 10-Channel 2-Port NanoSwitch?
PI3B3125LEX PERICOM-PI3B3125LEX Datasheet
440Kb / 6P
3.3V, 4-Bit, 2-Port Nanoswitch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com