Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS14 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # CMS14
Description  Switching Mode Power Supply Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CMS14 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  CMS14_06 Datasheet HTML 1Page - Toshiba Semiconductor CMS14_06 Datasheet HTML 2Page - Toshiba Semiconductor CMS14_06 Datasheet HTML 3Page - Toshiba Semiconductor CMS14_06 Datasheet HTML 4Page - Toshiba Semiconductor CMS14_06 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CMS14
2006-11-13
4
α = 60°
0.00
0
6
12
48
0.08
0.16
0.24
0.32
0.40
24
DC
120°
180°
240°
300°
30
Rectangular
waveform
360°
0°
Conduction angle
α
Tj = 125°C
VR
α
18
36
42
Junction temperature Tj
(°C)
IR – Tj
(typ.)
Reverse voltage VR (V)
PR (AV) – VR
(typ.)
0
20
120
80
40
60
100
10
0.0001
0.01
1
140
0.1
160
0.001
Pulse test
VR = 5 V
40 V
20 V
10 V
48 V
30 V
Reverse voltage VR (V)
Cj – VR
(typ.)
Number of cycles
Surge forward current
(non-repetitive)
Ta
= 25°C
f
= 1 MHz
1
100
300
10
100
10
500
30
50
3
30
5
50
1
100
10
0
10
50
30
20
40
Ta
= 25°C
f
= 50 Hz
3
5
30
50



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com