Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS14 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # CMS14
Description  Switching Mode Power Supply Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CMS14 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  CMS14_06 Datasheet HTML 1Page - Toshiba Semiconductor CMS14_06 Datasheet HTML 2Page - Toshiba Semiconductor CMS14_06 Datasheet HTML 3Page - Toshiba Semiconductor CMS14_06 Datasheet HTML 4Page - Toshiba Semiconductor CMS14_06 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CMS14
2006-11-13
2
Marking
Abbreviation Code
Part No.
SD
CMS14
Standard Soldering Pad
Handling Precaution
1) Schottky barrier diodes have reverse current characteristics compared to other diodes.
There is a possibility SBD may cause thermal runaway when it is used under high temperature or high voltage.
Please take forward and reverse loss into consideration during design.
2) The absolute maximum ratings denote the absolute maximum ratings, which are rated values and must not be
exceeded during operation, even for an instant. The following are the general derating methods that we
recommend when you design a circuit with a device.
VRRM: Use this rating with reference to (1) above. VRRM has a temperature coefficient of 0.1%/°C. Take
this temperature coefficient into account designing a device at low temperature.
IF (AV): We recommend that the worst case current be no greater than 80% of the absolute maximum
rating of
IF (AV) and Tj be below 120°C. When using this device, take the margin into consideration by
using an allowable Tamax-IF (AV) curve.
IFSM: This rating specifies the non-repetitive peak current. This is only applied for an abnormal
operation, which seldom occurs during the lifespan of the device.
Tj: Derate this rating when using a device in order to ensure high reliability.
We recommend that the device be used at a Tj of below 120°C.
3) Thermal resistance between junction and ambient fluctuates depending on the device’s mounting condition.
When using a device, design a circuit board and a soldering land size to match the appropriate thermal
resistance value.
4) Please refer to the Rectifiers databook for further information.
3.0
1.4
Unit: mm
1.4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com