Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4409 Datasheet(PDF) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # 4409
Description  P-Channel Enhancement-Mode MOSFET (-30V, -12A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

4409 Datasheet(HTML) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

  4409 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co 4409 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co 4409 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co 4409 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
4409
1
P-Channel Enhancement-Mode MOSFET (-30V, -12A)
PRODUCT SUMMARY
VDSS
ID
RDS(on) (m-ohm) Max
12 @ VGS = -10V ,ID=-12A
-30V
-12A
15 @ VGS = -4.5V ,ID=-10A
Features
· Advanced Trench Process Technology
· High Density Cell Design for Ultra Low On-Resistance
· Lead free product is acquired
Absolute Maximum Ratings (T
A=25
oC, unless otherwise noted)
Symbol
Parameter
Ratings
Units
VDS
Drain-Source Voltage
-30
V
VGS
Gate-Source Voltage
±20
V
Drain Current @TA=25
oC
-12
A
ID
IDM
Drain Current (Pulsed)
a
-60
A
IAR
Avalanche Current
30
A
EAR
Repetitive Avalanche Energy L=0.3mH
135
mJ
Total Power Dissipation @TA=25
oC
3
PD
Total Power Dissipation @TA=75
oC
2.1
W
IS
Maximum Diode Forward Current
-2.1
A
Tj, Tstg
Operating Junction and Storage Temperature Range
-55 to +150
°C
RqJA
Thermal Resistance Junction to Ambient (PCB mounted)
b
50
°C/W
a: Repetitive Rating: Pulse width limited by the maximum junction temperation.
b: 1-in
2 2oz Cu PCB board
·
Pin 1 / 2 / 3: Source
Pin 4: Gate
Pin 5 / 6 / 7 / 8: Drain
SOP-8
Shenzhen Tuofeng Semiconductor Technology co., LTD


Similar Part No. - 4409

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
4409 VBSEMI-4409 Datasheet
997Kb / 9P
P-Channel 30-V (D-S) MOSFET
logo
Mantra Softech India Pv...
4409-BIONICFP9-ND MANTRA-4409-BIONICFP9-ND Datasheet
1Mb / 4P
ENTERPRISE WIDE FACIAL RECOGNITION SYSTEM FACIAL TIME ATTENDANCE SYSTEM
logo
List of Unclassifed Man...
4409000400 ETC2-4409000400 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
4409100400 ETC2-4409100400 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
4409200400 ETC2-4409200400 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
More results

Similar Description - 4409

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X Datasheet
205Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM4835 TSC-TSM4835 Datasheet
172Kb / 5P
30V P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X_05 Datasheet
331Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP3A16N8 DIODES-ZXMP3A16N8 Datasheet
159Kb / 8P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
MAY 2007
logo
Pan Jit International I...
PJA87P03 PANJIT-PJA87P03 Datasheet
2Mb / 6P
30V P-Channel ENHANCEMENT MODE MOSFET
logo
Formosa MS
FMS2303 FORMOSA-FMS2303 Datasheet
1Mb / 8P
30V P-Channel Enhancement Mode MOSFET
logo
Hi-Sincerity Mocroelect...
H3055MJ HSMC-H3055MJ Datasheet
48Kb / 4P
N-Channel Enhancement-Mode MOSFET (30V, 12A)
logo
Cystech Electonics Corp...
MTP452M3 CYSTEKEC-MTP452M3 Datasheet
285Kb / 8P
30V P-CHANNEL Enhancement Mode MOSFET
logo
E-CMOS Corporation
EC733611E E-CMOS-EC733611E Datasheet
163Kb / 5P
-30V, -12A P-Channel MOSFET
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
-30V PP-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com