Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4409 Datasheet(PDF) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # 4409
Description  P-Channel Enhancement-Mode MOSFET (-30V, -12A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

4409 Datasheet(HTML) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

  4409 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co 4409 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co 4409 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co 4409 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Electrical Characteristics (T
A=25°C, unless otherwise noted)
Symbol
Characteristic
Test Conditions
Min.
Typ.
Max.
Unit
· Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=-250uA
-30
-
-
V
VDS=-24V, VGS=0V
-
-
-1
IDSS
Zero Gate Voltage Drain Current
uA
IGSS
Gate-Body Leakage Current
VGS=±25V, VDS=0V
-
-
±100
nA
· On Characteristicsc
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=-250uA
-1.0
-
-3.0
V
IDS(on)
On State Drain Current
VDS=-5V, VGS=-10V
60
-
-
A
VGS=-10V, ID=-12A
-
-
12
RDS(on)
Drain-Source On-State Resistance
VGS=-4.5V, ID=-10A
-
-
10
m
W
gFS
Forward Transconductance
VDS=-10V, ID=-5A
-
26
-
S
· Dynamic Characteristics d
Ciss
Input Capacitance
-
2076
2500
Coss
Output Capacitance
-
503
-
Crss
Reverse Transfer Capacitance
VDS=-15V, VGS=0V, f=1MHz
-
302
423
pF
Rg
Gate Resistance
VDS=0V, VGS=0V, f=1MHz
1
2
3
W
· Switching Characteristicsd
Qg
Total Gate Charge
-
37.2
-
Qgs
Gate-Source Charge
-
7
-
Qgd
Gate-Drain Charge
VDS=-15V, ID=-12A, VGS=-10V
-
10.4
-
nC
td(on)
Turn-on Delay Time
-
12.4
-
tr
Turn-on Rise Time
-
8.2
-
td(off)
Turn-off Delay Time
-
25.6
-
tf
Turn-off Fall Time
VDD=-15V, RL=1.25W,
VGS=-10V, RG=3W
-
12
-
nS
trr
Reverse Recovery Time
-
33
40
nS
Qrr
Reverse Recovery Charge
IDS=-12A, dI/ dt=100A/ uS
-
23
-
nC
· Drain-Source Diode Characteristics
VSD
Drain-Source Diode Forward Voltage
VGS=0V, IS=-1A
-
-
-1
V
IS
Drain-Source Diode Forward Current
-
-
-4.2
A
Note: Pulse Test: Pulse Width
£300us, Duty Cycle£2%
Shenzhen Tuofeng Semiconductor Technology co., LTD
4409



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com