Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7SH00FE Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC7SH00FE
Description  2 Input NAND Gate
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SH00FE Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC7SH00FE Datasheet HTML 1Page - Toshiba Semiconductor TC7SH00FE Datasheet HTML 2Page - Toshiba Semiconductor TC7SH00FE Datasheet HTML 3Page - Toshiba Semiconductor TC7SH00FE Datasheet HTML 4Page - Toshiba Semiconductor TC7SH00FE Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TC7SH00FE
2004-06-21
1
TOSHIBA CMOS Digital Integrated Circuit
Silicon Monolithic
TC7SH00FE
2 Input NAND Gate
Features
Weight: 0.003 g (typ.)
• Super high speed operation :tPD = 3.7 ns (typ.)
@VCC = 5 V
• Low power dissipation : ICC = 2 µA (Max.)
@ Ta = 25°C
• High noise immunity : VNIH = VNIH
= 28% VCC (Min.)
• 5.5V tolerant input.
• Wide operation voltage range : VCC (opr) = 2~5.5 V
Marking
Pin Assignment (top view)
1
2
VCC
5
4
3
Type name
H
1
IN B
IN A
GND
OUT Y
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Supply voltage range
VCC
−0.5~7
V
DC input voltage
VIN
−0.5~7
V
DC output voltage
VOUT
−0.5~VCC + 0.5
V
Input diode current
IIK
−20
mA
Output diode current
IOK
±20
mA
DC output current
IOUT
±25
mA
DC VCC/ground current
ICC
±50
mA
Power dissipation
PD
150
mW
Storage temperature
Tstg
−65~150
°C


Similar Part No. - TC7SH00FE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SH00F TOSHIBA-TC7SH00F Datasheet
197Kb / 5P
2-INPUT NAND GATE
TC7SH00FS TOSHIBA-TC7SH00FS Datasheet
149Kb / 6P
2 Input NAND Gate
TC7SH00FU TOSHIBA-TC7SH00FU Datasheet
197Kb / 5P
2-INPUT NAND GATE
TC7SH00FU TOSHIBA-TC7SH00FU_09 Datasheet
171Kb / 7P
2-Input NAND Gate
TC7SH00F TOSHIBA-TC7SH00F_09 Datasheet
171Kb / 7P
2-Input NAND Gate
More results

Similar Description - TC7SH00FE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4S11F TOSHIBA-TC4S11F Datasheet
166Kb / 4P
2 INPUT NAND GATE
TC7SET00F TOSHIBA-TC7SET00F Datasheet
165Kb / 5P
2-INPUT NAND GATE
TC7SZ00AFE TOSHIBA-TC7SZ00AFE Datasheet
150Kb / 4P
2 INPUT NAND GATE
logo
NXP Semiconductors
74AHC1G00 PHILIPS-74AHC1G00 Datasheet
74Kb / 16P
2-input NAND gate
2002 May 27
logo
Renesas Technology Corp
HD74HCT1G00 RENESAS-HD74HCT1G00 Datasheet
52Kb / 8P
2-input NAND Gate
RD74LVC1G00 RENESAS-RD74LVC1G00 Datasheet
1Mb / 7P
2-input NAND Gate
logo
Minilogic Device Corpor...
ML74UL00 MINILOGIC-ML74UL00 Datasheet
122Kb / 3P
2-input NAND Gate
logo
NXP Semiconductors
74AHC1G00 NXP-74AHC1G00 Datasheet
77Kb / 11P
2-input NAND gate
Rev. 06-30 May 2007
logo
Unisonic Technologies
U74HC2G00 UTC-U74HC2G00 Datasheet
129Kb / 5P
2-INPUT NAND GATE
logo
Nexperia B.V. All right...
74HC1G00-Q100 NEXPERIA-74HC1G00-Q100 Datasheet
677Kb / 12P
2-input NAND gate
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com