Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7SH00FE Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC7SH00FE
Description  2 Input NAND Gate
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SH00FE Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC7SH00FE Datasheet HTML 1Page - Toshiba Semiconductor TC7SH00FE Datasheet HTML 2Page - Toshiba Semiconductor TC7SH00FE Datasheet HTML 3Page - Toshiba Semiconductor TC7SH00FE Datasheet HTML 4Page - Toshiba Semiconductor TC7SH00FE Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TC7SH00FE
2004-06-21
3
AC Characteristics (input: tr = tf = 3 ns)
Test Condition
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
VCC (V)
CL (pF)
Min
Typ.
Max
Min
Max
Unit
15
⎯
5.5
7.9
1.0
9.5
3.3
± 0.3
50
⎯
8.0
11.4
1.0
13.0
15
⎯
3.7
5.5
1.0
6.5
Propagation delay time
tPLH
tPHL
5.0
± 0.5
50
⎯
5.2
7.5
1.0
8.5
ns
Input capacitance
CIN
⎯
4
10
⎯
10
pF
Power dissipation capacitance
CPD
(Note)
⎯
14
⎯
⎯
⎯
pF
Note: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation.
ICC (opr) = CPD・VCC・fIN + ICC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com