Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7SH08FS Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC7SH08FS
Description  2-INPUT AND GATE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SH08FS Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC7SH08FS Datasheet HTML 1Page - Toshiba Semiconductor TC7SH08FS Datasheet HTML 2Page - Toshiba Semiconductor TC7SH08FS Datasheet HTML 3Page - Toshiba Semiconductor TC7SH08FS Datasheet HTML 4Page - Toshiba Semiconductor TC7SH08FS Datasheet HTML 5Page - Toshiba Semiconductor TC7SH08FS Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TC7SH08FS
TOSHIBA CMOS Digital Integrated Circuit
Silicon Monolithic
TC7SH08FS
2-INPUT AND GATE
Features
High speed: tpd = 4.3 ns (typ.) at VCC = 5 V
Low power dissipation: ICC = 2 µA (max) at Ta = 25°C
High noise immunity: VNIH = VNIL = 28% VCC (min)
5.5V tolerant input.
Wide operating voltage range: VCC (opr) = 2~5.5 V
Marking
・Pin Assignment
(top view)
(fSV)
Weight : 0.001 g (Typ.)
1
2
5
4
VCC
OUT Y
SON5-P-0.35
3
H
2
Type Name
IN A
GND
IN B
2003-08-28
1


Similar Part No. - TC7SH08FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SH08F TOSHIBA-TC7SH08F Datasheet
197Kb / 5P
2-INPUT AND GATE
TC7SH08FE TOSHIBA-TC7SH08FE Datasheet
152Kb / 5P
2 Input AND Gate
TC7SH08FU TOSHIBA-TC7SH08FU Datasheet
197Kb / 5P
2-INPUT AND GATE
TC7SH08FUTE85LF TOSHIBA-TC7SH08FUTE85LF Datasheet
174Kb / 7P
2-Input AND Gate
TC7SH08FU TOSHIBA-TC7SH08FU_09 Datasheet
174Kb / 7P
2-Input AND Gate
More results

Similar Description - TC7SH08FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7S08F TOSHIBA-TC7S08F Datasheet
211Kb / 5P
2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F Datasheet
211Kb / 5P
2-INPUT AND GATE
logo
Hitachi Semiconductor
HD74LV1G08A HITACHI-HD74LV1G08A Datasheet
52Kb / 10P
2-input AND Gate
logo
Renesas Technology Corp
HD74HC1G08 RENESAS-HD74HC1G08 Datasheet
52Kb / 8P
2-input AND Gate
HD74ALVC1G08 RENESAS-HD74ALVC1G08 Datasheet
77Kb / 10P
2-Input AND Gate
logo
Unisonic Technologies
U74AHC1G08 UTC-U74AHC1G08 Datasheet
96Kb / 5P
2-INPUT AND GATE
logo
Toshiba Semiconductor
TC7SL08F TOSHIBA-TC7SL08F_01 Datasheet
227Kb / 6P
2-INPUT AND GATE
TC7SET08F TOSHIBA-TC7SET08F_02 Datasheet
205Kb / 6P
2-INPUT AND GATE
logo
Unisonic Technologies
U74HC2G08 UTC-U74HC2G08_15 Datasheet
164Kb / 5P
2-INPUT AND GATE
U74LVC1G08 UTC-U74LVC1G08_V01 Datasheet
194Kb / 5P
2-INPUT AND GATE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com