Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7SH32FS Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC7SH32FS
Description  2-INPUT OR GATE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SH32FS Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC7SH32FS Datasheet HTML 1Page - Toshiba Semiconductor TC7SH32FS Datasheet HTML 2Page - Toshiba Semiconductor TC7SH32FS Datasheet HTML 3Page - Toshiba Semiconductor TC7SH32FS Datasheet HTML 4Page - Toshiba Semiconductor TC7SH32FS Datasheet HTML 5Page - Toshiba Semiconductor TC7SH32FS Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TC7SH32FS
2007-11-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7SH32FS
2-INPUT OR GATE
Features
High speed: tpd = 3.8 ns (typ.) at VCC = 5 V
Low power dissipation: ICC = 2 μA (max) at Ta = 25°C
High noise immunity: VNIH = VNIL = 28% VCC (min)
5.5V tolerant input.
Wide operating voltage range: VCC (opr) = 2~5.5 V
Marking
・
Pin Assignment
(top view)
(fSV)
Weight : 0.001 g (Typ.)
Type Name
H 4
IN A
GND
IN B
1
2
3
5
4
VCC
OUT Y
SON5-P-0.35


Similar Part No. - TC7SH32FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SH32F TOSHIBA-TC7SH32F Datasheet
197Kb / 5P
2-INPUT OR GATE
TC7SH32FE TOSHIBA-TC7SH32FE Datasheet
150Kb / 5P
2 Input OR Gate
TC7SH32FU TOSHIBA-TC7SH32FU Datasheet
197Kb / 5P
2-INPUT OR GATE
TC7SH32FU TOSHIBA-TC7SH32FU_09 Datasheet
173Kb / 7P
2-Input OR Gate
TC7SH32F TOSHIBA-TC7SH32F_09 Datasheet
173Kb / 7P
2-Input OR Gate
More results

Similar Description - TC7SH32FS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G32 PHILIPS-74AHC1G32 Datasheet
80Kb / 12P
2-input OR gate
1999 Jan 27
logo
Toshiba Semiconductor
TC7SET32F TOSHIBA-TC7SET32F Datasheet
166Kb / 5P
2-INPUT OR GATE
TC7SL32F TOSHIBA-TC7SL32F Datasheet
211Kb / 5P
2-INPUT OR GATE
TC7SL32F TOSHIBA-TC7SL32F_01 Datasheet
227Kb / 6P
2-INPUT OR GATE
TC7SZ32AFE TOSHIBA-TC7SZ32AFE_07 Datasheet
154Kb / 5P
2 Input OR Gate
TC7S32F TOSHIBA-TC7S32F_01 Datasheet
229Kb / 6P
2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32 Datasheet
76Kb / 8P
2-input OR Gate
HD74ALVC1G32 RENESAS-HD74ALVC1G32_15 Datasheet
98Kb / 10P
2-input OR Gate
logo
Unisonic Technologies
U7SH32 UTC-U7SH32_15 Datasheet
138Kb / 4P
2-INPUT OR GATE
logo
First Silicon Co., Ltd
FC74VHC1G32 FS-FC74VHC1G32 Datasheet
399Kb / 4P
2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com