Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP-R224 Datasheet(PDF) 4 Page - SOVICO corp.

Part # TMP-R224
Description  Tempest2400 2-Channel BeltStation Technical
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOVICO [SOVICO corp.]
Direct Link  http://sovico.co.kr/
Logo SOVICO - SOVICO corp.

TMP-R224 Datasheet(HTML) 4 Page - SOVICO corp.

  TMP-R224 Datasheet HTML 1Page - SOVICO corp. TMP-R224 Datasheet HTML 2Page - SOVICO corp. TMP-R224 Datasheet HTML 3Page - SOVICO corp. TMP-R224 Datasheet HTML 4Page - SOVICO corp. TMP-R224 Datasheet HTML 5Page - SOVICO corp. TMP-R224 Datasheet HTML 6Page - SOVICO corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Model TMR42524INCC
page 2
Copyright © 2016 Pliant Technologies, LLC. All rights reserved. The Pliant™ word mark and the Pliant
“P” logo are trademarks of Pliant Technologies, LLC. The Tempest ® and SmartBoom ® word marks are
trademarks of CoachComm LLC. Any and all other trademark references within this document are
property of their respective owners.
Pliant Technologies, LLC
Tempest ®
205 Technology Parkway
Auburn, AL 36830 USA
www.plianttechnologies.com
Phone +1.334.321.1160
Toll-Free 1.844.475.4268 or 1.844.4PLIANT
Fax +1.334.321.1162
SYSTEM SPECIFICATIONS*
RF Frequency
2400 to 2480 MHz
RF Scheme
FHSS with TDMA
Effective Radiated Power
100mW using 2dBi antenna
Receiver Sensitivity
-93 dBm for 10-5 BER
Radio Certification
FCC Part 15.247, ETS 300 328 v1.8.1 rules (apply to model numbers ending in “EU” only**),
Canadian RSS-210, license free.
Transmission Range
1,000 ft. (304.8 m) under ideal conditions. 500 ft. to 900 ft. (152.4 m to 274.3 m) typical
Audio Dynamic Range
>94 dB
Audio Frequency Response
300Hz–3.8KHz with proprietary audio voice shaping
System Latency
Less than 50 ms direct
RoHS Compliant
Yes
BELTSTATION SPECIFICATIONS*
Intercom Audio Channels
4
Simultaneous Listen Paths
True Dual Listen
Headset Connector
4-pin male XLR
Microphone Type
Dynamic or Electret, auto-selected
LCD Display
102 × 80 pixels
Antenna
Internal +2 dBi patch
USB BeltStation Power Supply
Input 100–240 V, 0.3 A, 50–60 Hz; Output 5 V, 1.25 A
Battery Life, Rechargeable
Up to 9 hours
Battery Charge Time, Lithium-Polymer Battery
Under 3 hours
Optional Power
3 Standard AA alkaline cells
Battery Life, Alkaline Batteries
Approximately 4 Hours
Dimensions
H 6.1 in. × W 4.0 in. × D 1.75 in. (156 mm × 102 mm × 44.5 mm)
Weight (with Lithium-Polymer Battery)
14.3 oz (405 g)
Operating Environment
-20° to 50° C (-4° to 122° F); 10% to 90% Humidity
TM24004CHBeltDataSheet_TMP-R424&EU_3.16
*Notice About Specifications
While Pliant makes every attempt to maintain the accuracy of the information contained in this
datasheet, this information is subject to change without notice. Please check our website for
the latest system specifications and certifications. Please check our website for the latest system
specifications and certifications.
**TMR42524INEU models meet the same specifications and comply with ETSI standards
(300.328 v1.8.1). Non-EU models are non-compliant with ETSI standards.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com