Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP-R224 Datasheet(PDF) 3 Page - SOVICO corp.

Part # TMP-R224
Description  Tempest2400 2-Channel BeltStation Technical
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOVICO [SOVICO corp.]
Direct Link  http://sovico.co.kr/
Logo SOVICO - SOVICO corp.

TMP-R224 Datasheet(HTML) 3 Page - SOVICO corp.

  TMP-R224 Datasheet HTML 1Page - SOVICO corp. TMP-R224 Datasheet HTML 2Page - SOVICO corp. TMP-R224 Datasheet HTML 3Page - SOVICO corp. TMP-R224 Datasheet HTML 4Page - SOVICO corp. TMP-R224 Datasheet HTML 5Page - SOVICO corp. TMP-R224 Datasheet HTML 6Page - SOVICO corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
+1.334.321.1160
www .plianttechnologies.com
ABOUT
The Tempest2400 4-channel wireless BeltStation operates in conjunction with the Tempest2400 BaseStations. Each Talk button has
individual LED indicators. The Talk button can be latching or momentary. The Call button sends a 2-wire compatible call signal to
any wireless BeltStation and any hardwired intercom device on the intercom channel. BeltStations are provided with a rechargeable
Lithium-Polymer battery capable of nine hours of operation or can be powered by three Standard AA Alkaline batteries. Each
BeltStation has its own back-lit display and menu functions, which allow settings to be changed locally at the BeltStation. When
ordering, reference Part Number TMP-R424 (or TMP-R424-EU for European sales).
TECHNOLOGY
Each BeltStation user may simultaneously Talk/Listen on A or B and C or D or toggle between A and B or C and D in “Single Listen” mode. Volume
is set by rotating the CH A/B or CH C/D rotary control.
AUDIO
Each full-duplex BeltStation establishes a unique audio path (point-to-point) with the associated 2- or 4-channel BaseStation delivering an
individualized mix minus signal to other BeltStations in the system. Therefore, each BeltStation can monitor a unique mix of intercom channels and
other audio sources.
DURABILITY
The 4-channel BeltStations are made of a weather-resistant ABS co-polymer blend with a high performance polyurethane over-mold.
SEAMLESS ROAMING
Tempest2400 Seamless Roaming is the ability for Tempest2400 BeltStations to move freely from one BaseStation to another without any
intervention from the end user. This allows the implementation of a Tempest wireless intercom system that can cover large areas with multiple
zones or areas in a facility that would not be adequately supported by a single antenna installation. A BeltStation can roam between as many as
16 different BaseStations (coverage areas or zones).
• 4-channel, full-duplex BeltStation
• 2.4GHz, license free operation
• Dual Talk/Listen operation
• Backlit LCD screen shows battery life,
RF signal strength, and more
• Stage Announce Output with relay closure
• 5 individually assignable relay closures at BaseStation
• Lithium-Polymer Rechargeable battery
(or 3 Alkaline AA batteries)
• Weather-resistant enclosure
FEATURES & BENEFITS
• Roaming Features:
» Seamless Roaming of BeltStation between
BaseStations
» Supports Normal, Shared, and Split modes
» Scalable architecture allows for seamless
linked roaming zones
» Seamless handoffs between roaming
zones are automatic
• RoHS compliant
Tempest2400 4-Channel BeltStation Technical Data Sheet



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com