Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP-R224-EU Datasheet(PDF) 5 Page - SOVICO corp.

Part # TMP-R224-EU
Description  Tempest2400 2-Channel BeltStation Technical
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOVICO [SOVICO corp.]
Direct Link  http://sovico.co.kr/
Logo SOVICO - SOVICO corp.

TMP-R224-EU Datasheet(HTML) 5 Page - SOVICO corp.

  TMP-R224-EU Datasheet HTML 1Page - SOVICO corp. TMP-R224-EU Datasheet HTML 2Page - SOVICO corp. TMP-R224-EU Datasheet HTML 3Page - SOVICO corp. TMP-R224-EU Datasheet HTML 4Page - SOVICO corp. TMP-R224-EU Datasheet HTML 5Page - SOVICO corp. TMP-R224-EU Datasheet HTML 6Page - SOVICO corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
+1.334.321.1160
www .plianttechnologies.com
ABOUT
The Tempest MasterBelt is ideal for mobile production and offers all the advanced features, reliability, and robustness of the Tempest2400 rack-
mount BaseStation in a compact, portable, and easy-to-deploy package that can be conveniently worn on the hip. The Tempest MasterBelt is
designed to act as a Tempest BaseStation. This enables the TempestWireless technology to be used in applications where users move together
within the same workspace. Because the “Base” is a “Belt”—there is added flexibility for the group to be on-the-go. When ordering, reference Part
Number TMP-MS224 (or TMP-MS224-EU for European sales).
TECHNOLOGY
The MasterBelt operates in the 2.4GHz band and uses Frequency-Hopping Spread Spectrum (FHSS) and TDMA technology. Its unique RF platform
enables it to coexist with other common wireless sources such as traditional wireless
microphones, IFB or in-ear monitor systems, and Wi-Fi networks.
PERFORMANCE
The Tempest MasterBelt (and BeltStations) are ruggedly designed and constructed with an
incredibly strong, lightweight ABS co-polymer blend with a high performance polyurethane
over-mold, which makes it comfortable to wear and durable in challenging production
environments.
OPERATION
The MasterBelt supports two intercom channels (A/B) and can support up to five
BeltStations operating in full duplex simultaneous communication. The MasterBelt can also
operate in Shared or Split modes common to the Tempest Wireless technology. These modes
can support an unlimited number of BeltStations operating in a listen and push-to-talk
manner.
Each of the five wireless BeltStations per MasterBelt has a unique audio path (i.e., point-to-point), and can simultaneously monitor and/or talk on
both wireless intercom channels while in dual listen mode. Alternatively, BeltStations may be placed in single listen mode if the user desires to
switch back and forth between the two channels separately.
• Tempest BeltStation that acts as a BaseStation
• Compatible with all Tempest2400 BeltStations
• Ideal for mobile, on-the-go applications where
wireless communications are needed
• Tour guides, camera crews, utility crews, and
any application where users move together
• 2.4GHz worldwide, license free operation
• Patented FHSS transmission scheme
• 2xTX redundant data transmission
• Supports up to 5 full-duplex wireless BeltStations
• Supports unlimited BeltStations in Shared Mode
• 2 communication channels (conversations)
• True dual talk/listen operation
• Vibrate Call alert as well as in-ear audible
tone option
• Lithium-Polymer removable/rechargeable battery
• Durable, weather-resistant enclosure
• RoHS compliant
FEATURES & BENEFITS
MasterBelt Technical Data Sheet



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com