Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP-R224-EU Datasheet(PDF) 1 Page - SOVICO corp.

Part # TMP-R224-EU
Description  Tempest2400 2-Channel BeltStation Technical
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOVICO [SOVICO corp.]
Direct Link  http://sovico.co.kr/
Logo SOVICO - SOVICO corp.

TMP-R224-EU Datasheet(HTML) 1 Page - SOVICO corp.

  TMP-R224-EU Datasheet HTML 1Page - SOVICO corp. TMP-R224-EU Datasheet HTML 2Page - SOVICO corp. TMP-R224-EU Datasheet HTML 3Page - SOVICO corp. TMP-R224-EU Datasheet HTML 4Page - SOVICO corp. TMP-R224-EU Datasheet HTML 5Page - SOVICO corp. TMP-R224-EU Datasheet HTML 6Page - SOVICO corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
+1.334.321.1160
www .plianttechnologies.com
ABOUT
The Tempest2400 2-channel wireless BeltStation operates in conjunction with the Tempest2400 BaseStations. Each Talk button has
individual LED indicators. The Talk button can be latching or momentary. The Call button sends a 2-wire compatible call signal to
any wireless BeltStation and any hardwired intercom device on the intercom channel. BeltStations are provided with a rechargeable
Lithium-Polymer battery capable of nine hours of operation or can be powered by three Standard AA Alkaline batteries. Each
BeltStation has its own back-lit display and menu functions, which allow settings to be changed locally at the BeltStation. When
ordering, reference Part Number TMP-R224 (or TMP-R224-EU for European sales).
TECHNOLOGY
Each BeltStation user may simultaneously Talk/Listen on A and B or toggle between A and B in “Single Listen” mode. Volume is set by rotating the
CH A or CH B rotary control. There are two Talk buttons on each BeltStation, one for each channel. The Talk button enables the microphone signal
for the assigned intercom.
AUDIO
Each full-duplex BeltStation establishes a unique audio path (point-to-point) with the associated 2- or 4-channel BaseStation delivering an
individualized mix minus signal to other BeltStations in the system. Therefore, each BeltStation can monitor a unique mix of intercom channels and
other audio sources.
DURABILITY
The 2-channel BeltStations are made of a weather-resistant ABS co-polymer blend with a high performance polyurethane over-mold.
SEAMLESS ROAMING
Tempest2400 Seamless Roaming is the ability for Tempest2400 BeltStations to move freely from one BaseStation to another without any
intervention from the end user. This allows the implementation of a Tempest wireless intercom system that can cover large areas with multiple
zones or areas in a facility that would not be adequately supported by a single antenna installation. A BeltStation can roam between as many as 16
different BaseStations (coverage areas or zones).
• 2-channel, full-duplex BeltStation
• 2.4GHz, license free operation
• Dual Talk/Listen operation
• Backlit LCD screen shows battery life,
RF signal strength, and more
• Stage Announce Output with relay closure
• 5 individually assignable relay closures at BaseStation
• Lithium-Polymer Rechargeable battery
(or 3 Alkaline AA batteries)
• Weather-resistant enclosure
FEATURES & BENEFITS
• Roaming Features:
» Seamless Roaming of BeltStation
between BaseStations
» Supports Normal, Shared, and Split modes
» Scalable architecture allows for seamless
linked roaming zones
» Seamless handoffs between roaming
zones are automatic
• RoHS compliant
Model TMR22524INCC
Tempest2400 2-Channel BeltStation Technical Data Sheet


Similar Part No. - TMP-R224-EU

ManufacturerPart #DatasheetDescription
logo
Crane Aerospace & Elect...
TMP-001 CRANE-TMP-001 Datasheet
192Kb / 2P
TMP Thermal Pad Accessory
TMP-002 CRANE-TMP-002 Datasheet
192Kb / 2P
TMP Thermal Pad Accessory
TMP-003 CRANE-TMP-003 Datasheet
192Kb / 2P
TMP Thermal Pad Accessory
TMP-005 CRANE-TMP-005 Datasheet
192Kb / 2P
TMP Thermal Pad Accessory
TMP-007 CRANE-TMP-007 Datasheet
192Kb / 2P
TMP Thermal Pad Accessory
More results

Similar Description - TMP-R224-EU

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68HC11 MOTOROLA-M68HC11 Datasheet
3Mb / 336P
Technical Data
logo
Dc Components
2N7000 DCCOM-2N7000 Datasheet
216Kb / 1P
TECHNICAL SPECIFICATIONS OF N-CHANNEL SMALL SIGNAL MOSFET
2N7002 DCCOM-2N7002 Datasheet
228Kb / 1P
TECHNICAL SPECIFICATIONS OF N-CHANNEL SMALL SIGNAL MOSFET
IRF630 DCCOM-IRF630 Datasheet
206Kb / 2P
TECHNICAL SPECIFICATIONS OF N-CHANNEL POWER MOSFET
IRF640 DCCOM-IRF640 Datasheet
206Kb / 2P
TECHNICAL SPECIFICATIONS OF N-CHANNEL POWER MOSFET
IRF730 DCCOM-IRF730 Datasheet
206Kb / 2P
TECHNICAL SPECIFICATIONS OF N-CHANNEL POWER MOSFET
IRF740 DCCOM-IRF740 Datasheet
209Kb / 2P
TECHNICAL SPECIFICATIONS OF N-CHANNEL POWER MOSFET
IRF830 DCCOM-IRF830 Datasheet
205Kb / 2P
TECHNICAL SPECIFICATIONS OF N-CHANNEL POWER MOSFET
IRF840 DCCOM-IRF840 Datasheet
206Kb / 2P
TECHNICAL SPECIFICATIONS OF N-CHANNEL POWER MOSFET
logo
AZ Displays
PD024OX8 AZDISPLAYS-PD024OX8 Datasheet
2Mb / 39P
TECHNICAL SPECIFICATION
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com