Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5219 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5219
Description  500mA-Peak Output LDO Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5219 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5219 Datasheet HTML 1Page - Micrel Semiconductor MIC5219 Datasheet HTML 2Page - Micrel Semiconductor MIC5219 Datasheet HTML 3Page - Micrel Semiconductor MIC5219 Datasheet HTML 4Page - Micrel Semiconductor MIC5219 Datasheet HTML 5Page - Micrel Semiconductor MIC5219 Datasheet HTML 6Page - Micrel Semiconductor MIC5219 Datasheet HTML 7Page - Micrel Semiconductor MIC5219 Datasheet HTML 8Page - Micrel Semiconductor MIC5219 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
April 2001
3
MIC5219
MIC5219
Micrel
Pin Description
Pin No.
Pin No.
Pin Name
Pin Function
MSOP-8
SOT-23-5
2
1
IN
Supply Input
5–8
2
GND
Ground: MSOP-8 pins 5 through 8 are internally connected.
3
5
OUT
Regulator Output
1
3
EN
Enable (Input): CMOS compatible control input. Logic high = enable; logic
low or open = shutdown.
4 (fixed)
4 (fixed)
BYP
Reference Bypass: Connect external 470pF capacitor to GND to reduce
output noise. May be left open.
4 (adj.)
4 (adj.)
ADJ
Adjust (Input): Feedback input. Connect to resistive voltage-divider network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com