Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5219 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5219
Description  500mA-Peak Output LDO Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5219 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5219 Datasheet HTML 1Page - Micrel Semiconductor MIC5219 Datasheet HTML 2Page - Micrel Semiconductor MIC5219 Datasheet HTML 3Page - Micrel Semiconductor MIC5219 Datasheet HTML 4Page - Micrel Semiconductor MIC5219 Datasheet HTML 5Page - Micrel Semiconductor MIC5219 Datasheet HTML 6Page - Micrel Semiconductor MIC5219 Datasheet HTML 7Page - Micrel Semiconductor MIC5219 Datasheet HTML 8Page - Micrel Semiconductor MIC5219 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MIC5219
Micrel
MIC5219
4
April 2001
Electrical Characteristics
V
IN = VOUT + 1.0V; COUT = 4.7µF, IOUT = 100µA; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +125°C; unless noted.
Symbol
Parameter
Conditions
Min
Typical
Max
Units
V
OUT
Output Voltage Accuracy
variation from nominal V
OUT
–11
%
–22
%
∆V
OUT/∆T
Output Voltage
Note 2
40
ppm/
°C
Temperature Coefficient
∆V
OUT/VOUT
Line Regulation
V
IN = VOUT + 1V to 12V
0.009
0.05
%/V
0.1
∆V
OUT/VOUT
Load Regulation
I
OUT = 100µA to 500mA Note 3
0.05
0.5
%
0.7
V
IN – VOUT
Dropout Voltage, Note 4
I
OUT = 100µA10
60
mV
80
I
OUT = 50mA
115
175
mV
250
I
OUT = 150mA
175
300
mV
400
I
OUT = 500mA
350
500
mV
600
I
GND
Ground Pin Current, Notes 5, 6
V
EN ≥ 3.0V, IOUT = 100µA
80
130
µA
170
V
EN ≥ 3.0V, IOUT = 50mA
350
650
µA
900
V
EN ≥ 3.0V, IOUT = 150mA
1.8
2.5
mA
3.0
V
EN ≥ 3.0V, IOUT = 500mA
12
20
mA
25
Ground Pin Quiescent Current,
V
EN ≤ 0.4V
0.05
3
µA
Note 6
V
EN ≤ 0.18V
0.10
8
µA
PSRR
Ripple Rejection
f = 120Hz
75
dB
I
LIMIT
Current Limit
V
OUT = 0V
700
1000
mA
∆V
OUT/∆PD
Thermal Regulation
Note 7
0.05
%/W
e
no
Output Noise
I
OUT = 50mA, COUT = 2.2µF, CBYP = 0
500
nV/ Hz
I
OUT = 50mA, COUT = 2.2µF, CBYP = 470pF
300
nV/ Hz
ENABLE Input
V
ENL
Enable Input Logic-Low Voltage
V
EN = logic low (regulator shutdown)
0.4
V
0.18
V
EN = logic high (regulator enabled)
2.0
V
I
ENL
Enable Input Current
V
ENL ≤ 0.4V
0.01
–1
µA
V
ENL ≤ 0.18V
0.01
–2
µA
I
ENH
V
ENH ≥ 2.0V
2
5
20
µA
25
Absolute Maximum Ratings
Supply Input Voltage (V
IN) ............................ –20V to +20V
Power Dissipation (P
D) ............................ Internally Limited
Junction Temperature (T
J) ....................... –40°C to +125°C
Lead Temperature (Soldering, 5 sec.) ...................... 260
°C
Operating Ratings
Supply Input Voltage (V
IN) ........................... +2.5V to +12V
Enable Input Voltage (V
EN) .................................. 0V to VIN
Junction Temperature (T
J) ....................... –40°C to +125°C
Package Thermal Resistance ......................... see Table 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com