Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS21961 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # PS21961
Description  Dual-In-Line Intelligent Power Module 3 Amperes/600 Volts
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS21961 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  PS21961 Datasheet HTML 1Page - Powerex Power Semiconductors PS21961 Datasheet HTML 2Page - Powerex Power Semiconductors PS21961 Datasheet HTML 3Page - Powerex Power Semiconductors PS21961 Datasheet HTML 4Page - Powerex Power Semiconductors PS21961 Datasheet HTML 5Page - Powerex Power Semiconductors PS21961 Datasheet HTML 6Page - Powerex Power Semiconductors PS21961 Datasheet HTML 7Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Intellimod™ Module
Dual-In-Line Intelligent
Power Module
3 Amperes/600 Volts
PS21961, PS21961-A,
PS21961-C
07/06
Description:
DIP-IPMs are intelligent power
modules that integrate power
devices, drivers, and protection
circuitry in an ultra compact
dual-in-line transfer-mold package
for use in driving small three
phase motors. Use of 5th
generation IGBTs, DIP packaging,
and application specific HVICs
allow the designer to reduce
inverter size and overall design
time.
Features:
£
Compact Packages
£
Single Power Supply
£
Integrated HVICs
£
Direct Connection to CPU
£
Reduced Rth
Applications:
£
Refrigerators
£
Air Conditioners
£
Small Servo Motors
£
Small Motor Control
Ordering Information:
PS21961 is a 600V, 3 Ampere
short pin DIP Intelligent Power
Module.
PS21961-A – long pin type
PS21961-C – zigzag pin type
Dimensions
Inches
Millimeters
A
1.50±0.02
38.0±0.5
B
0.94±0.02
24.0±0.5
C
0.14
3.5
D
1.40
35.56
E
0.57±0.02
14.4±0.5
F
0.74±0.02
18.9±0.5
G
1.15±0.02
29.2±0.5
H
0.14
3.5
J
0.13
3.3
K
0.016
0.4
L
0.06±0.02
1.5±0.05
M
0.031
0.8
N
1.38±0.012
35.0±0.3
O
0.07±0.008
1.778±0.2
P
0.02
0.5
Q
0.47
12.0
Dimensions
Inches
Millimeters
R
0.011
0.28
S
0.12
2.8
T
0.024
0.6
U
0.1±0.008
2.54±0.2
V
1.33±0.02
33.7±0.5
W
0.03
0.678
X
0.04
1.0
Y
0.05
1.2
Z
1.40
35.56
AA
0.55±0.02
14.0±0.5
BB
0.37±0.02
9.5±0.5
CC
0.22±0.02
5.5±0.5
DD
0 ~ 5°
0 ~ 5°
EE
0.06 MIN.
1.5 Min.
FF
0.05
1.2
GG
0.063 Rad.
1.6 Rad.
Outline Drawing and Circuit Diagram
D
N
O
P
A
HEATSINK
SIDE
HEATSINK SIDE
D
B
C
E
E
G
H
J
K
L
M
N
O
P
Q
R
R
S
T
U
P
P
W
W
Y
Y
W
W
Y
Y
CC
FF
GG
EE
DD
EE
DD
DD
AA
(PS21961-A)
BB
(PS21961 / PS21961-C)
A
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
25
24
23
22
21
20
19
18
11 VN
12 WN
13 VN1
14 FO
15 CIN
6 VP
7 WP
8 VP1
9 VNC*
10 UN
1 (VNC)
2 VUFB
3 VVFB
4 VWFB
5 UP
21 W
22 V
23 U
24 P
25 NC
16 VNC*
17 NC
18 NC
19 NC
20 N
TERMINAL CODE
X
DETAIL "A"
PS21961-C
PS21961 / PS21961-A
PS21961 / PS21961-A
DETAIL "B"
DETAIL "B"
PS21961
PS21961-A
DETAIL "A"
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
Z
*Use either Pin 9 or Pin 16 for the ground connection.
DETAIL "A"
D
N
O
P
A
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
PS21961-C
PS21961-C
X
R
HEATSINK
SIDE
C
E
G
H
J
L
M
DETAIL "B"
E
F
V
K
K


Similar Part No. - PS21961

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21961-4 MITSUBISHI-PS21961-4 Datasheet
183Kb / 10P
Dual-In-Line Package Intelligent Power Module
PS21961-4A MITSUBISHI-PS21961-4A Datasheet
183Kb / 10P
Dual-In-Line Package Intelligent Power Module
PS21961-4C MITSUBISHI-PS21961-4C Datasheet
183Kb / 10P
Dual-In-Line Package Intelligent Power Module
PS21961-4S MITSUBISHI-PS21961-4S Datasheet
136Kb / 8P
Dual-In-Line Package Intelligent Power Module
PS21961-4W MITSUBISHI-PS21961-4W Datasheet
183Kb / 10P
Dual-In-Line Package Intelligent Power Module
More results

Similar Description - PS21961

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS21661-RZ POWEREX-PS21661-RZ Datasheet
78Kb / 6P
Intellimod??Module Single-In-Line Intelligent Power Module (3 Amperes/600 Volts)
PS21962 POWEREX-PS21962 Datasheet
383Kb / 6P
Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
PS21965 POWEREX-PS21965 Datasheet
732Kb / 7P
Dual-In-Line Intelligent Power Module 20 Amperes/600 Volts
PS21265-P POWEREX-PS21265-P_10 Datasheet
537Kb / 8P
Dual-In-Line Intelligent Power Module 20 Amperes 600 Volts
PS219B2-AS POWEREX-PS219B2-AS Datasheet
1Mb / 11P
Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
PS219B2-AST POWEREX-PS219B2-AST Datasheet
1Mb / 11P
Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
PS219B2-CS POWEREX-PS219B2-CS Datasheet
1Mb / 11P
Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
PS219B2-CST POWEREX-PS219B2-CST Datasheet
1Mb / 11P
Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
PS219B3-AS POWEREX-PS219B3-AS Datasheet
1Mb / 11P
Dual-In-Line Intelligent Power Module 10 Amperes/600 Volts
PS219B4-ST POWEREX-PS219B4-ST Datasheet
1Mb / 11P
Dual-In-Line Intelligent Power Module 15 Amperes/600 Volts
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com