Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS21961 Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # PS21961
Description  Dual-In-Line Intelligent Power Module 3 Amperes/600 Volts
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS21961 Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  PS21961 Datasheet HTML 1Page - Powerex Power Semiconductors PS21961 Datasheet HTML 2Page - Powerex Power Semiconductors PS21961 Datasheet HTML 3Page - Powerex Power Semiconductors PS21961 Datasheet HTML 4Page - Powerex Power Semiconductors PS21961 Datasheet HTML 5Page - Powerex Power Semiconductors PS21961 Datasheet HTML 6Page - Powerex Power Semiconductors PS21961 Datasheet HTML 7Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PS21961, PS21961-A, PS21961-C
Intellimod™ Module
Dual-In-Line Intelligent Power Module
3 Amperes/600 Volts
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697-1800 (724) 925-7272
3
07/06
Electrical and Mechanical Characteristics, Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
IGBT Inverter Sector
Collector-Emitter Saturation Voltage
VCE(sat)
VD = VDB = 15V, IC = 3A, VIN = 5V, Tj = 25°C
—
1.60
2.15
Volts
VD = VDB = 15V, IC = 3A, VIN = 5V, Tj = 125°C
—
1.70
2.30
Volts
Diode Forward Voltage
VEC
-IC = 3A, VIN = 0V
—
1.55
2.10
Volts
Inductive Load Switching Times
ton
VCC = 300V,
0.50
0.95
1.50
µS
trr
VD = VDB = 15V,
—
0.30
—
µS
tC(on)
IC = 3A, Tj = 125°C,
—
0.35
0.55
µS
toff
VIN = 0 ⇔ 5V,
—
1.40
2.00
µS
tC(off)
Inductive Load
—
0.50
0.80
µS
Collector Cutoff Current
ICES
VCE = VCES, Tj = 25°C
—
—
1.0
mA
VCE = VCES, Tj = 125°C
—
—
10
mA
Control Sector
Circuit Current
ID
VIN = 5V
Total of VP1-VNC, VN1-VNC
—
—
2.80
mA
VD = VDB = 15V
VUFB-U, VVFB-V, VWFB-W
—
—
0.55
mA
VIN = 0V
Total of VP1-VNC, VN1-VNC
—
—
2.80
mA
VUFB-U, VVFB-V, VWFB-W
—
—
0.55
mA
Fault Output Voltage
VFOH
VSC = 0V, FO Terminal Pull-up to 5V by 10kΩ
4.9
—
—
Volts
VFOL
VSC = 1V, IFO = 1mA
—
—
0.95
Volts
Input Current
IIN
VIN = 5V
0.70
1.00
1.50
mA
Short Circuit Trip Level*
VSC(ref)
VD = 15V*
0.43
0.48
0.53
Volts
Supply Circuit Under-voltage
UVDBt
Trip Level, Tj ≤ 125°C
10.0
—
12.0
Volts
UVDBr
Reset Level, Tj ≤ 125°C
10.5
—
12.5
Volts
UVDt
Trip Level, Tj ≤ 125°C
10.3
—
12.5
Volts
UVDr
Reset Level, Tj ≤ 125°C
10.8
—
13.0
Volts
Fault Output Pulse Width**
tFO
20
—
—
µs
ON Threshold Voltage
Vth(on)
Applied between
—
2.1
2.6
Volts
OFF Threshold Voltage
Vth(off)
UP, VP, WP-VNC,
0.8
1.3
—
Volts
ON/OFF Threshold Hysteresis Voltage
Vth(hys)
UN, VN, WN-VNC
0.35
0.65
—
Volts
* Short Circuit protection is functioning only for the low-arms. Please select the value of the external shunt resistor such that the SC trip level is less than 1.7 times the current rating.
**Fault signal is asserted only for a UV or SC condition on the low side. On a SC fault the FO duration will be 20µsec. On a UV condition the fault signal will be asserted as long as the
UV condition exists or for 20µsec, whichever is longer.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com