Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75176ADE4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN75176ADE4
Description  DIFFERENTIAL BUS TRANSCEIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75176ADE4 Datasheet(HTML) 5 Page - Texas Instruments

  SN75176ADE4 Datasheet HTML 1Page - Texas Instruments SN75176ADE4 Datasheet HTML 2Page - Texas Instruments SN75176ADE4 Datasheet HTML 3Page - Texas Instruments SN75176ADE4 Datasheet HTML 4Page - Texas Instruments SN75176ADE4 Datasheet HTML 5Page - Texas Instruments SN75176ADE4 Datasheet HTML 6Page - Texas Instruments SN75176ADE4 Datasheet HTML 7Page - Texas Instruments SN75176ADE4 Datasheet HTML 8Page - Texas Instruments SN75176ADE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
SN75176A
DIFFERENTIAL BUS TRANSCEIVER
SLLS100A – JUNE 1984 – REVISED MAY 1995
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
DRIVER SECTION
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
Input clamp voltage
II = – 18 mA
– 1.5
V
VOH
High level output voltage
VIH = 2 V,
VIL = 0.8 V,
37
V
VOH
High-level output voltage
IH
,
IOH = – 33 mA
IL
,
3.7
V
VOL
Low level output voltage
VIH = 2 V,
VIL = 0.8 V,
11
V
VOL
Low-level output voltage
IH
,
IOH = 33 mA
IL
,
1.1
V
|VOD1|
Differential output voltage
IO = 0
2VOD2
V
|VOD2|
Differential output voltage
RL = 100 Ω,
See Figure 1
2
2.7
V
|VOD2|
Differential output voltage
RL = 54 Ω,
See Figure 1
1.5
2.4
V
∆|VOD|
Change in magnitude of differential output voltage ‡
±0.2
V
VOC
Common-mode output voltage§
RL = 54 Ω or 100 Ω,
See Figure 1
3
V
∆|VOC|
Change in magnitude of common-mode output
±02
V
∆|VOC|
gg
voltage ‡
±0.2
V
IO
Output current
Output disabled,
VO = 12 V
1
mA
IO
Output current
,
See Note 3
VO = – 7 V
– 0.8
mA
IIH
High-level input current
VI = 2.4 V
20
µA
IIL
Low-level input current
VI = 0.4 V
– 400
µA
VO = – 7 V
– 250
IOS
Short-circuit output current
VO = VCC
250
mA
VO = 12 V
500
ICC
Supply current (total package)
No load
Outputs enabled
35
50
mA
ICC
Supply current (total package)
No load
Outputs disabled
26
40
mA
† All typical values are at VCC = 5 V and TA = 25°C.
‡
∆|VOD| and ∆|VOC| are the changes in magnitude of VOD and VOC respectively, that occur when the input is changed from a high level to a low
level.
§ In ANSI Standard EIA/TIA-422-B, VOC, which is the average of the two output voltages with respect to GND, is called output offset voltage, VOS.
NOTE 3: This applies for both power on and off; refer to ANSI Standard EIA/TIA-422-B for exact conditions.
switching characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td(OD)
Differential-output delay time
RL =60 Ω
See Figure 3
40
60
ns
tt(OD)
Differential-output transition time
RL = 60 Ω,
See Figure 3
65
95
ns
tPZH
Output enable time to high level
RL = 110 Ω,
See Figure 4
55
90
ns
tPZL
Output enable time to low level
RL = 110 Ω,
See Figure 5
30
50
ns
tPHZ
Output disable time from high level
RL = 110 Ω,
See Figure 4
85
130
ns
tPLZ
Output disable time from low level
RL = 110 Ω,
See Figure 5
20
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com