Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75176ADE4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN75176ADE4
Description  DIFFERENTIAL BUS TRANSCEIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75176ADE4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN75176ADE4 Datasheet HTML 6Page - Texas Instruments SN75176ADE4 Datasheet HTML 7Page - Texas Instruments SN75176ADE4 Datasheet HTML 8Page - Texas Instruments SN75176ADE4 Datasheet HTML 9Page - Texas Instruments SN75176ADE4 Datasheet HTML 10Page - Texas Instruments SN75176ADE4 Datasheet HTML 11Page - Texas Instruments SN75176ADE4 Datasheet HTML 12Page - Texas Instruments SN75176ADE4 Datasheet HTML 13Page - Texas Instruments SN75176ADE4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
SN75176A
DIFFERENTIAL BUS TRANSCEIVER
SLLS100A – JUNE 1984 – REVISED MAY 1995
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 8
DRIVER
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
VCC = 5 V
4.5
4
3.5
3
2.5
2
1.5
1
0.5
– 100
–80
–60
–40
–20
0
– 120
5
IOH – High-Level Output Current – mA
0
TA = 25°C
Figure 9
DRIVER
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
VCC = 5 V
TA = 25°C
IOL – Low-Level Output Current – mA
0
120
20
40
60
80
100
5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
Figure 10
DRIVER
DIFFERENTIAL OUTPUT VOLTAGE
vs
OUTPUT CURRENT
3.5
3
2.5
2
1.5
1
0.5
90
80
70
60
50
40
30
20
10
0
100
4
IO – Output Current – mA
0
VCC = 5 V
TA = 25°C
Figure 11
VCC = 5 V
TA = 25°C
0.3
0.2
0.1
0
05
10
0.4
0.5
RECEIVER
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
0.6
15
20
25
30
IOL – Low Level Output Current – mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com