Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7WG02FC Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC7WG02FC
Description  CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input NOR Gate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WG02FC Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC7WG02FC Datasheet HTML 1Page - Toshiba Semiconductor TC7WG02FC Datasheet HTML 2Page - Toshiba Semiconductor TC7WG02FC Datasheet HTML 3Page - Toshiba Semiconductor TC7WG02FC Datasheet HTML 4Page - Toshiba Semiconductor TC7WG02FC Datasheet HTML 5Page - Toshiba Semiconductor TC7WG02FC Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TC7WG02FC
2007-11-01
4
AC Electrical Characteristics (input tr = tf = 3 ns)
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
0.9
⎯
19.8
⎯
⎯
⎯
1.1~1.3
⎯
10.1
18.7
1.0
34.5
1.4~1.6
⎯
5.9
8.9
1.0
10.8
1.65~ 1.95
⎯
4.5
6.4
1.0
6.9
2.3~2.7
⎯
3.1
4.2
1.0
4.7
CL = 10 pF,
RL = 1 MΩ
3.0~3.6
⎯
2.3
3.4
1.0
4.0
0.9
⎯
22.5
⎯
⎯
⎯
1.1~1.3
⎯
11.6
21.5
1.0
37.2
1.4~1.6
⎯
6.6
9.8
1.0
12.0
1.65~ 1.95
⎯
5.0
7.1
1.0
7.3
2.3~2.7
⎯
3.5
4.5
1.0
5.1
CL = 15 pF,
RL = 1 MΩ
3.0~3.6
⎯
2.8
3.8
1.0
4.4
0.9
⎯
30.0
⎯
⎯
⎯
1.1~1.3
⎯
15.0
29.6
1.0
56.0
1.4~1.6
⎯
8.5
13.1
1.0
15.9
1.65~ 1.95
⎯
6.3
9.2
1.0
9.6
2.3~2.7
⎯
4.3
5.7
1.0
6.1
Propagation delay time
tpLH
tpHL
CL = 30 pF,
RL = 1 MΩ
3.0~3.6
⎯
3.5
4.4
1.0
4.8
ns
Input capacitance
CIN
⎯
3.6
⎯
3
⎯
⎯
⎯
pF
Power dissipation capacitance
CPD
(Note 14)
0.9 ~ 3.6
⎯
11
⎯
⎯
⎯
pF
Note 14:CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr.) = CPD・VCC・fIN + ICC/2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com