Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7WG02FC Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC7WG02FC
Description  CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input NOR Gate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WG02FC Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC7WG02FC Datasheet HTML 1Page - Toshiba Semiconductor TC7WG02FC Datasheet HTML 2Page - Toshiba Semiconductor TC7WG02FC Datasheet HTML 3Page - Toshiba Semiconductor TC7WG02FC Datasheet HTML 4Page - Toshiba Semiconductor TC7WG02FC Datasheet HTML 5Page - Toshiba Semiconductor TC7WG02FC Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TC7WG02FC
2007-11-01
2
Truth Table
Inputs
Outputs
A
B
Y
L
L
H
L
H
L
H
L
L
H
H
L
IEC Logic Symbol
Operating Ranges
Characteristics
Symbol
Value
Unit
Power supply voltage
VCC
0.9~3.6
V
Input voltage
VIN
0~5.5
V
0~3.6
(Note 5)
Output voltage
VOUT
0~VCC
(Note 6)
V
±8.0
(Note 7)
±4.0
(Note 8)
±3.0
(Note 9)
±1.7
(Note 10)
±0.3
(Note 11)
Output Current
IOH/IOL
±0.02
(Note 12)
mA
Operating temperature
Topr
−40~85
°C
Input rise and fall time
dt/dV
0~10
(Note 13)
ns/V
Note 5: VCC = 0V
Note 6: High or Low state.
Note 7: VCC = 3.0~3.6 V
Note 8: VCC = 2.3~2.7 V
Note 9: VCC = 1.65~1.95 V
Note 10: VCC = 1.4~1.6 V
Note 11: VCC = 1.1~1.3 V
Note 12: VCC = 0.9 V
Note 13: VIN = 0.8~2.0 V, VCC = 3.0 V
1A
> 1
1Y
1B
2A
2B
2Y



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com