Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74AC32F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74AC32F
Description  CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input OR Gate
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74AC32F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74AC32F Datasheet HTML 1Page - Toshiba Semiconductor TC74AC32F Datasheet HTML 2Page - Toshiba Semiconductor TC74AC32F Datasheet HTML 3Page - Toshiba Semiconductor TC74AC32F Datasheet HTML 4Page - Toshiba Semiconductor TC74AC32F Datasheet HTML 5Page - Toshiba Semiconductor TC74AC32F Datasheet HTML 6Page - Toshiba Semiconductor TC74AC32F Datasheet HTML 7Page - Toshiba Semiconductor TC74AC32F Datasheet HTML 8Page - Toshiba Semiconductor TC74AC32F Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC74AC32P/F/FN/FT
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC32P,TC74AC32F,TC74AC32FN,TC74AC32FT
Quad 2-Input OR Gate
The TC74AC32 is an advanced high speed CMOS 2-INPUT OR
GATE fabricated with silicon gate and double-layer metal wiring
C2MOS technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low power
dissipation.
The internal circuit is composed of 2 stages including buffer
output, which provide high noise immunity and stable output.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: tpd = 4.1 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Symmetrical output impedance: |IOH| = IOL = 24 mA (min)
Capability of driving 50
Ω
transmission lines.
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 to 5.5 V
• Pin and function compatible with 74F32
Note: xxxFN (JEDEC SOP) is not available in
Japan.
TC74AC32P
TC74AC32F
TC74AC32FN
TC74AC32FT
Weight
DIP14-P-300-2.54
: 0.96 g (typ.)
SOP14-P-300-1.27A
: 0.18 g (typ.)
SOL14-P-150-1.27
: 0.12 g (typ.)
TSSOP14-P-0044-0.65A
: 0.06 g (typ.)


Similar Part No. - TC74AC32F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74AC32F TOSHIBA-TC74AC32F Datasheet
253Kb / 6P
CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74AC32FN TOSHIBA-TC74AC32FN Datasheet
253Kb / 6P
CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74AC32FT TOSHIBA-TC74AC32FT Datasheet
253Kb / 6P
CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

Similar Description - TC74AC32F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC7S32FU KEC-KIC7S32FU Datasheet
260Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT OR GATE)
KIC7W32FK KEC-KIC7W32FK Datasheet
278Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DAUL 2-INPUT OR GATE)
KIC7WZ32FK KEC-KIC7WZ32FK Datasheet
393Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT OR GATE)
KIC7WZ86FK KEC-KIC7WZ86FK Datasheet
536Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT EXCLUSIVE OR GATE)
logo
Toshiba Semiconductor
TC7WG32FC TOSHIBA-TC7WG32FC Datasheet
176Kb / 6P
CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input OR Gate
TC7WG32FU TOSHIBA-TC7WG32FU Datasheet
196Kb / 7P
CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input OR Gate
TC7WH32FC TOSHIBA-TC7WH32FC Datasheet
148Kb / 5P
CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input OR Gate
TC7WH32FU TOSHIBA-TC7WH32FU_07 Datasheet
208Kb / 7P
CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input OR Gate
TC74ACT02P TOSHIBA-TC74ACT02P_07 Datasheet
260Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NOR Gate
TC74ACT08P TOSHIBA-TC74ACT08P_07 Datasheet
260Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input AND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com