Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD54008TR-E Datasheet(PDF) 9 Page - STMicroelectronics

Part # PD54008TR-E
Description  RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode, lateral MOSFETs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD54008TR-E Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PD54008TR-E Datasheet HTML 5Page - STMicroelectronics PD54008TR-E Datasheet HTML 6Page - STMicroelectronics PD54008TR-E Datasheet HTML 7Page - STMicroelectronics PD54008TR-E Datasheet HTML 8Page - STMicroelectronics PD54008TR-E Datasheet HTML 9Page - STMicroelectronics PD54008TR-E Datasheet HTML 10Page - STMicroelectronics PD54008TR-E Datasheet HTML 11Page - STMicroelectronics PD54008TR-E Datasheet HTML 12Page - STMicroelectronics PD54008TR-E Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
PD54008-E, PD54008S-E
Typical performance
9/28
Figure 13.
Output power Vs.
gate bias voltage
Table 6.
IMD3 vs. Output Power (470MHz)
Figure 14.
Power gain Vs. output power
Table 7.
Return loss and efficiency Vs.
output power
0
0.5
1
1.5
2
2.5
3
3.5
VGS (V)
0
2
4
6
8
10
Pout (W )
VDD = 7.5 V
Pin = 0.6 W
480 MHz
500 MHz
520 MHz
0
1
23456
7
8
9
Pout (W)
-50
-45
-40
-35
-30
-25
-20
IMD3 (dB)
Freq =470 MHz
Idq= 400mA
Vdd= 9V
Vdd =7.5V
110
Pout (W )
16
17
18
19
20
21
22
Gp (dB)
Vdd= 7.5 V
Idq= 150 mA
250 MHz
200 MHz
175MHz
0
1
2345
6789
Pout (W)
-20
-15
-10
-5
0
5
10
IRL (dB)
10
20
30
40
50
60
70
Eff. (%)
Vdd = 7.5 V
Idq = 150 mA
250 MHz
175 MHz
200 MHz
250 MHz
175 MHz
200 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com