Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74ACT08F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74ACT08F
Description  CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input AND Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74ACT08F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74ACT08F Datasheet HTML 1Page - Toshiba Semiconductor TC74ACT08F Datasheet HTML 2Page - Toshiba Semiconductor TC74ACT08F Datasheet HTML 3Page - Toshiba Semiconductor TC74ACT08F Datasheet HTML 4Page - Toshiba Semiconductor TC74ACT08F Datasheet HTML 5Page - Toshiba Semiconductor TC74ACT08F Datasheet HTML 6Page - Toshiba Semiconductor TC74ACT08F Datasheet HTML 7Page - Toshiba Semiconductor TC74ACT08F Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TC74ACT08P/F/FN/FT
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74ACT08P,TC74ACT08F,TC74ACT08FN,TC74ACT08FT
Quad 2-Input AND Gate
The TC74ACT08 is an advanced high speed CMOS 2-INPUT
AND GATE fabricated with silicon gate and double-layer metal
wiring C2MOS technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low power
dissipation.
This device may be used as a level converter for interfacing
TTL or NMOS to High Speed CMOS. The inputs are compatible
with TTL, NMOS and CMOS output voltage levels.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: tpd = 4.7 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• Compatible with TTL outputs: VIL = 0.8 V (max)
VIH = 2.0 V (min)
• Symmetrical output impedance: |IOH| = IOL = 24 mA (min)
Capability of driving 50
Ω
transmission lines.
• Balanced propagation delays: tpLH ∼− tpHL
• Pin and function compatible with 74F08
Note: xxxFN (JEDEC SOP) is not available in
Japan.
TC74ACT08P
TC74ACT08F
TC74ACT08FN
TC74ACT08FT
Weight
DIP14-P-300-2.54
: 0.96 g (typ.)
SOP14-P-300-1.27A
: 0.18 g (typ.)
SOL14-P-150-1.27
: 0.12 g (typ.)
TSSOP14-P-0044-0.65A
: 0.06 g (typ.)


Similar Part No. - TC74ACT08F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74ACT08F TOSHIBA-TC74ACT08F Datasheet
239Kb / 6P
CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT08FN TOSHIBA-TC74ACT08FN Datasheet
239Kb / 6P
CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT08FT TOSHIBA-TC74ACT08FT Datasheet
239Kb / 6P
CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT08FT TOSHIBA-TC74ACT08FT_12 Datasheet
215Kb / 7P
Quad 2-Input AND Gate
TC74ACT08F TOSHIBA-TC74ACT08F_12 Datasheet
215Kb / 7P
Quad 2-Input AND Gate
More results

Similar Description - TC74ACT08F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC7SH08FU KEC-KIC7SH08FU Datasheet
247Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT AND GATE)
KIC7SZ08FU KEC-KIC7SZ08FU Datasheet
211Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT AND GATE)
KIC7WZ08FK KEC-KIC7WZ08FK Datasheet
78Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT AND GATE)
logo
Toshiba Semiconductor
TC74VHCT00AF TOSHIBA-TC74VHCT00AF Datasheet
242Kb / 7P
CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC QUAD 2-INPUT NAND GATE
TC74AC00P TOSHIBA-TC74AC00P_07 Datasheet
263Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NAND Gate
TC74AC02P TOSHIBA-TC74AC02P_07 Datasheet
263Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NOR Gate
TC74AC32FT TOSHIBA-TC74AC32FT_07 Datasheet
263Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input OR Gate
TC74ACT02P TOSHIBA-TC74ACT02P_07 Datasheet
260Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NOR Gate
TC74HC00AP TOSHIBA-TC74HC00AP_07 Datasheet
257Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NAND Gate
TC74HC08AP TOSHIBA-TC74HC08AP_07 Datasheet
256Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input AND Gate
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com