Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74ACT86P Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74ACT86P
Description  CMOS Digital Integrated Circuit Silicon Monolithic Quad Exclusive OR Gate
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74ACT86P Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74ACT86P Datasheet HTML 1Page - Toshiba Semiconductor TC74ACT86P Datasheet HTML 2Page - Toshiba Semiconductor TC74ACT86P Datasheet HTML 3Page - Toshiba Semiconductor TC74ACT86P Datasheet HTML 4Page - Toshiba Semiconductor TC74ACT86P Datasheet HTML 5Page - Toshiba Semiconductor TC74ACT86P Datasheet HTML 6Page - Toshiba Semiconductor TC74ACT86P Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TC74ACT86P/F/FN
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74ACT86P,TC74ACT86F,TC74ACT86FN
Quad Exclusive OR Gate
The TC74ACT86 is an advanced high speed CMOS QUAD
EXCLUSIVE OR GATE fabricated with silicon gate and
double-layer metal wiring C2MOS technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low power
dissipation.
This device may be used as a level converter for interfacing
TTL or NMOS to High Speed CMOS. The inputs are compatible
with TTL, NMOS and CMOS output voltage levels. The internal
circuit is includes on output buffer, which provide high noise
immunity and stable output.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: tpd = 5.0 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• Compatible with TTL outputs: VIL = 0.8 V (max)
VIH = 2.0 V (min)
• Symmetrical output impedance: |IOH| = IOL = 24 mA (min)
Capability of driving 50
Ω
transmission lines.
• Balanced propagation delays: tpLH ∼− tpHL
• Pin and function compatible with 74F86
Pin Assignment
Note: xxxFN (JEDEC SOP) is not available in
Japan.
TC74ACT86P
TC74ACT86F
TC74ACT86FN
Weight
DIP14-P-300-2.54
: 0.96 g (typ.)
SOP14-P-300-1.27A
: 0.18 g (typ.)
SOL14-P-150-1.27
: 0.12 g (typ.)


Similar Part No. - TC74ACT86P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74ACT00F TOSHIBA-TC74ACT00F Datasheet
247Kb / 6P
QUAD 2 INPUT NAND GATE
TC74ACT00F TOSHIBA-TC74ACT00F Datasheet
259Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NAND Gate
TC74ACT00FN TOSHIBA-TC74ACT00FN Datasheet
247Kb / 6P
QUAD 2 INPUT NAND GATE
TC74ACT00FN TOSHIBA-TC74ACT00FN Datasheet
259Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NAND Gate
TC74ACT00FT TOSHIBA-TC74ACT00FT Datasheet
247Kb / 6P
QUAD 2 INPUT NAND GATE
More results

Similar Description - TC74ACT86P

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4030BMS INTERSIL-CD4030BMS Datasheet
59Kb / 7P
CMOS Quad Exclusive-OR Gate
December 1992
logo
KEC(Korea Electronics)
KIC7S32FU KEC-KIC7S32FU Datasheet
260Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT OR GATE)
KIC7S86FU KEC-KIC7S86FU Datasheet
242Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(EXCLUSIVE OR GATE)
KIC7SZ86FU KEC-KIC7SZ86FU Datasheet
468Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(EXCLUSIVE OR GATE)
KIC7WZ32FK KEC-KIC7WZ32FK Datasheet
393Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT OR GATE)
KIC7WZ86FK KEC-KIC7WZ86FK Datasheet
536Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT EXCLUSIVE OR GATE)
logo
Toshiba Semiconductor
TC74AC32FT TOSHIBA-TC74AC32FT_07 Datasheet
263Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input OR Gate
TC74AC86F TOSHIBA-TC74AC86F_07 Datasheet
264Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic Quad Exclusive OR Gate
TC74HC86AP TOSHIBA-TC74HC86AP_07 Datasheet
257Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic Quad Exclusive OR Gate
logo
Texas Instruments
CD4030B TI1-CD4030B_15 Datasheet
1Mb / 16P
CMOS Quad Exclusive - OR Gate
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com