Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74ACT299P Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74ACT299P
Description  CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit PIPO Shift Register with Asynchronous Clear
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74ACT299P Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74ACT299P Datasheet HTML 1Page - Toshiba Semiconductor TC74ACT299P Datasheet HTML 2Page - Toshiba Semiconductor TC74ACT299P Datasheet HTML 3Page - Toshiba Semiconductor TC74ACT299P Datasheet HTML 4Page - Toshiba Semiconductor TC74ACT299P Datasheet HTML 5Page - Toshiba Semiconductor TC74ACT299P Datasheet HTML 6Page - Toshiba Semiconductor TC74ACT299P Datasheet HTML 7Page - Toshiba Semiconductor TC74ACT299P Datasheet HTML 8Page - Toshiba Semiconductor TC74ACT299P Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC74ACT299P/F
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74ACT299P,TC74ACT299F
8-Bit PIPO Shift Register with Asynchronous Clear
The TC74ACT299 is an advanced high speed CMOS 8-BIT
PIPO SHIFT REGISTER fabricated with silicon gate and
double-layer metal wiring C2MOS technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low power
dissipation.
This device may be used as a level converter for interfacing
TLL or NMOS to High Speed CMOS. The inputs are compatible
with TTL, NMOS and CMOS output voltage levels.
It has a four modes (HOLD, SHIFT LEFT, SHIFT RIGHT and
LOAD DATA) controlled by the two selection inputs (S0, S1).
When one or both enable ( 1
G ,
2
G ) are high, the eight I/O
outputs are forced to the high-impedance state; however,
sequential operation or clearing of the register is not affected.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features (Note 1)(Note 2)
• High speed: fmax = 130 MHz (typ.) at VCC = 5 V
• Low power dissipation: ICC = 8 μA (max) at Ta = 25°C
• Compatible with TTL outputs: VIL = 0.8 V (max)
VIH = 2.0 V (min)
• Symmetrical output impedance: |IOH| = IOL = 24 mA (min)
Capability of driving 50
Ω
transmission lines.
• Balanced propagation delays: tpLH ∼− tpHL
• Pin and function compatible with 74F299
Note 1: Do not apply a signal to any bus terminal when it is in the output mode. Damage may result.
Note 2: All floating (high impedance) bus terminals must have their input levels fixed by means of pull up or pull
down resistors.
Pin Assignment
TC74ACT299P
TC74ACT299F
Weight
DIP20-P-300-2.54A
: 1.30 g (typ.)
SOP20-P-300-1.27A
: 0.22 g (typ.)


Similar Part No. - TC74ACT299P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74ACT240F TOSHIBA-TC74ACT240F Datasheet
273Kb / 6P
OCTAL BUS BUFFER
TC74ACT240F TOSHIBA-TC74ACT240F Datasheet
233Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Buffer
TC74ACT240FT TOSHIBA-TC74ACT240FT Datasheet
273Kb / 6P
OCTAL BUS BUFFER
TC74ACT240FT TOSHIBA-TC74ACT240FT Datasheet
233Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Buffer
TC74ACT240FW TOSHIBA-TC74ACT240FW Datasheet
273Kb / 6P
OCTAL BUS BUFFER
More results

Similar Description - TC74ACT299P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT299 STMICROELECTRONICS-74ACT299 Datasheet
102Kb / 13P
8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
Apr-1999
logo
Toshiba Semiconductor
TC74VHC299F TOSHIBA-TC74VHC299F Datasheet
347Kb / 11P
8-BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
logo
STMicroelectronics
74AC299 STMICROELECTRONICS-74AC299 Datasheet
465Kb / 13P
8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
Apr-2001
logo
Toshiba Semiconductor
TC74HC299AF TOSHIBA-TC74HC299AF Datasheet
369Kb / 11P
8-Bit PIPO Shift Register with Asynchronous Clear
logo
STMicroelectronics
M74HC299 STMICROELECTRONICS-M74HC299 Datasheet
412Kb / 13P
8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
Jul-2001
logo
Toshiba Semiconductor
TC74AC299P TOSHIBA-TC74AC299P_07 Datasheet
425Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit PIPO Shift Register with Asynchronousclear
TC74HC299AP TOSHIBA-TC74HC299AP_07 Datasheet
432Kb / 10P
8-Bit PIPO Shift Register with Asynchronous Clear
TC74VHC299F TOSHIBA-TC74VHC299F_07 Datasheet
234Kb / 12P
8-Bit Pipo Shift Register with Asynchronous Clear
logo
STMicroelectronics
74LVQ299 STMICROELECTRONICS-74LVQ299 Datasheet
456Kb / 15P
8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
29-Jul-2004
logo
Toshiba Semiconductor
TC74VHC299F TOSHIBA-TC74VHC299F_12 Datasheet
224Kb / 12P
8-Bit Pipo Shift Register with Asynchronous Clear
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com