Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP833F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP833F
Description  Copiers, Printers, Fax Machines
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP833F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP833F Datasheet HTML 1Page - Toshiba Semiconductor TLP833F Datasheet HTML 2Page - Toshiba Semiconductor TLP833F Datasheet HTML 3Page - Toshiba Semiconductor TLP833F Datasheet HTML 4Page - Toshiba Semiconductor TLP833F Datasheet HTML 5Page - Toshiba Semiconductor TLP833F Datasheet HTML 6Page - Toshiba Semiconductor TLP833F Datasheet HTML 7Page - Toshiba Semiconductor TLP833F Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TLP833(F)
2007-10-01
2
Markings
Operating Ranges
Characteristic
Symbol
Min
Typ.
Max
Unit
Supply voltage
VCC
―
5
24
V
Forward current
IF
―
―
25
mA
Operating temperature
Topr
−10
―
75
°C
Optical Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward voltage
VF
IF = 10mA
1.00
1.15
1.30
V
Reverse current
IR
VR = 5V
―
―
10
μA
Peak emission wavelength
λP
IF = 10mA
―
940
―
nm
Dark current
ID (ICEO)
VCE = 24V, IF = 0
―
―
0.1
μA
Peak sensitivity wavelength
λP
―
―
870
―
nm
Current transfer ratio
IC/IF
VCE = 2V, IF = 10mA
5
―
100
%
Collector
−emitter saturation
voltage
VCE (sat)
IF = 20mA, IC = 0.5mA
―
0.1
0.35
V
Rise time
tr
―
15
―
Fall time
tf
VCC = 5V, IC = 1mA
RL = 1kΩ
(Note)
―
15
―
μs
(Note): Switching time measurement circuit and waveform
Monthly lot number
Year of manufacture
(last digit of year of manufacture)
Month of manufacture
(January to December denoted by letters A to L respectively)
VOUT
VCC
IF
RL
90%
10%
VOUT
tf
ts
IF
td
tr



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com