Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP833F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP833F
Description  Copiers, Printers, Fax Machines
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP833F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP833F Datasheet HTML 1Page - Toshiba Semiconductor TLP833F Datasheet HTML 2Page - Toshiba Semiconductor TLP833F Datasheet HTML 3Page - Toshiba Semiconductor TLP833F Datasheet HTML 4Page - Toshiba Semiconductor TLP833F Datasheet HTML 5Page - Toshiba Semiconductor TLP833F Datasheet HTML 6Page - Toshiba Semiconductor TLP833F Datasheet HTML 7Page - Toshiba Semiconductor TLP833F Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLP833(F)
2007-10-01
1
TOSHIBA Photointerrupter Infrared LED + Phototransistor
TLP833(F)
Lead(Pb)-Free
Copiers, Printers, Fax Machines
VCRS, Microwave Ovens, Air
Conditioners
Automatic Vending Machines
Various Position Detection Sensors
The TLP833(F) is a photointerrupter which
incorporates a high radiant power GaAs LED and a
fast−response Si phototransistor. The package has
a deep gap.
• Package with deep gap (gap: 12 mm)
• Designed for direct mounting on printed circuit
boards (positioning pins included).
• Gap: 5mm
• Resolution: Slit width 0.5mm
• High current transfer ratio: IC/IF = 5% (min)
• High temperature operation: Topr = 95°C (max)
• Package material: Polybutylene terephthalate
(UL94−V−0)
• Detector impermeable to visible light
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current
IF
50
mA
25°C < Ta ≦ 85°C
−0.33
Forward current
derating
Ta > 85°C
ΔIF/°C
−2
mA/°C
Reverse voltage
VR
5
V
Collector
−emitter voltage
VCEO
35
V
Emitter
−collector voltage
VECO
5
V
Collector power dissipation
PC
75
mW
Collector power dissipation derating
(Ta > 25°C)
ΔPC/°C
−1
mW/°C
Collector current
IC
50
mA
Operating temperature range
Topr
−30~85
°C
Storage temperature range
Tstg
−40~100
°C
Soldering temperature (5 s)
Tsol
260
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
TOSHIBA
Weight: 1g (typ.)


Similar Part No. - TLP833F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP833 TOSHIBA-TLP833 Datasheet
363Kb / 8P
COPIERS, PRINTERS, FAX MACHINES VCRS, MICROWAVE OVENS, AIR CONDITIONERS
More results

Similar Description - TLP833F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLN119 TOSHIBA-TLN119 Datasheet
224Kb / 5P
PRINTERS,FAX MACHINES FLOPPY DISK DRIVE HOME ELECTRIC EQUIPMENT.
TLP833 TOSHIBA-TLP833 Datasheet
363Kb / 8P
COPIERS, PRINTERS, FAX MACHINES VCRS, MICROWAVE OVENS, AIR CONDITIONERS
TPS820 TOSHIBA-TPS820 Datasheet
139Kb / 5P
Photo-Electric Switches Copiers, Printers, and Facsimiles Luminosity Adjustment for Various Types of Equipment
TLP1255 TOSHIBA-TLP1255 Datasheet
192Kb / 7P
Copiers, Printers and Fax Machines Air Conditioners Game Machines
TLP1243 TOSHIBA-TLP1243_07 Datasheet
215Kb / 9P
Copiers, Printers and Fax Machines Air-conditioners Game Machines
TCD1209DG TOSHIBA-TCD1209DG Datasheet
177Kb / 2P
2048-elements, for optical character reader(OCR) and fax machines
logo
EUROQUARTZ limited
3EQHM53R EUROQUARTZ-3EQHM53R Datasheet
288Kb / 2P
Printers, Multiple Function Printers (MPCs)
3EQHM53Y EUROQUARTZ-3EQHM53Y Datasheet
268Kb / 2P
Printers, Multiple Function Printers (MPCs)
3EQHM57P EUROQUARTZ-3EQHM57P Datasheet
273Kb / 2P
Printers, Multiple Function Printers (MPCs)
logo
Shenzhen Huazhimei Semi...
HM8563 HMSEMI-HM8563 Datasheet
914Kb / 22P
OA equipments such as Fax machines
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com