Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74HC4053AF Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC74HC4053AF
Description  CMOS Digital Integrated Circuit Silicon Monolithic
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC4053AF Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC74HC4053AF Datasheet HTML 1Page - Toshiba Semiconductor TC74HC4053AF Datasheet HTML 2Page - Toshiba Semiconductor TC74HC4053AF Datasheet HTML 3Page - Toshiba Semiconductor TC74HC4053AF Datasheet HTML 4Page - Toshiba Semiconductor TC74HC4053AF Datasheet HTML 5Page - Toshiba Semiconductor TC74HC4053AF Datasheet HTML 6Page - Toshiba Semiconductor TC74HC4053AF Datasheet HTML 7Page - Toshiba Semiconductor TC74HC4053AF Datasheet HTML 8Page - Toshiba Semiconductor TC74HC4053AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TC74HC4051,4052AP/AF/AFT,4053AP/AF/AFN/AFT
2007-10-01
5
Absolute Maximum Ratings (Note 1)
Characteristics
Symbol
Rating
Unit
Supply voltage range
VCC
−0.5 to 7
V
Supply voltage range
VCC-VEE
−0.5 to 13
V
Control input voltage
VIN
−0.5 to VCC + 0.5
V
Switch I/O voltage
VI/O
VEE − 0.5 to VCC + 0.5
V
Control input diode current
IICK
±20
mA
I/O diode current
IOK
±20
mA
Switch through current
IT
±25
mA
DC VCC or ground current
ICC
±50
mA
Power dissipation
PD
500 (DIP) (Note 2)/180 (SOP, TSSOP)
mW
Storage temperature
Tstg
−65 to 150
°C
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or
even destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 2: 500 mW in the range of Ta
= −40 to 65°C. From Ta = 65 to 85°C a derating factor of −10 mW/°C should be
applied up to 300 mW.
Operating Ranges (Note)
Characteristics
Symbol
Rating
Unit
Supply voltage range
VCC
2 to 6
V
Supply voltage range
VEE
−6 to 0
V
Supply voltage range
VCC-VEE
2 to 12
V
Control input voltage
VIN
0 to VCC
V
Switch I/O voltage
VI/O
VEE to VCC
V
Operating temperature
Topr
−40 to 85
°C
Control input rise and fall time
tr, tf
0 to 1000 (VCC = 2.0 V)
0 to 500 (VCC = 4.5 V)
0 to 400 (VCC = 6.0 V)
ns
Note:
The operating ranges must be maintained to ensure the normal operation of the device.
Unused control inputs must be tied to either VCC or GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com