Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74HC4053AF Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TC74HC4053AF
Description  CMOS Digital Integrated Circuit Silicon Monolithic
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC4053AF Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TC74HC4053AF Datasheet HTML 4Page - Toshiba Semiconductor TC74HC4053AF Datasheet HTML 5Page - Toshiba Semiconductor TC74HC4053AF Datasheet HTML 6Page - Toshiba Semiconductor TC74HC4053AF Datasheet HTML 7Page - Toshiba Semiconductor TC74HC4053AF Datasheet HTML 8Page - Toshiba Semiconductor TC74HC4053AF Datasheet HTML 9Page - Toshiba Semiconductor TC74HC4053AF Datasheet HTML 10Page - Toshiba Semiconductor TC74HC4053AF Datasheet HTML 11Page - Toshiba Semiconductor TC74HC4053AF Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
TC74HC4051,4052AP/AF/AFT,4053AP/AF/AFN/AFT
2007-10-01
8
Analog Switch Characteristics (GND = 0 V, Ta = 25°C) (Note 1)
Test Condition
Characteristics
Symbol
VEE
(V)
VCC
(V)
Typ.
Unit
Sine wave distortion
(T.H.D)
RL = 10 kΩ,
CL = 50 pF
fIN = 1 kHz
VIN = 4.0 Vp-p
VIN = 8.0 Vp-p
VIN = 11.0 Vp-p
−2.25
−4.5
−6.0
2.25
4.5
6.0
0.025
0.020
0.018
%
All
(Note 2)
120
4051
(Note 3)
45
4052
70
4053
−2.25 2.25
95
All
(Note 2)
190
4051
(Note 3)
70
4052
110
4053
−4.5
4.5
150
All
(Note 2)
200
4051
(Note 3)
85
4052
140
Frequency response
(switch on)
fmax
Adjust fIN voltage to obtain
0dBm at VOS
Increase fIN frequency until
dB meter reads
−3dB
RL = 50 Ω, CL = 10 pF
fIN = 1 MHz, sine wave
4053
−6.0
6.0
190
MHz
Feed through attenuation
(switch off)
VIN is centered at (VCC − VEE)/2
Adjust input for 0dBm
RL = 600 Ω, CL = 50 pF
fIN = 1 MHz, sine wave
−2.25
−4.5
−6.0
2.25
4.5
6.0
−50
−50
−50
dB
Crosstalk
(control input to signal output)
RL = 600 Ω, CL = 50 pF
fIN = 1 MHz, square wave (tr = tf = 6 ns)
−2.25
−4.5
−6.0
2.25
4.5
6.0
60
140
200
mV
Crosstalk
(between any switches)
Adjust VIN to obtain 0dBm at input
RL = 600 Ω, CL = 50 pF
fIN = 1 MHz, sine wave
−2.25
−4.5
−6.0
2.25
4.5
6.0
−50
−50
−50
dB
Note 1: These characteristics are determined by design of devices.
Note 2: Input COMMON terminal, and measured at SWITCH terminal.
Note 3: Input SWITCH terminal, and measured at COMMON terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com