Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3FS Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E3FS
Description  Safety design for category 2. Suitable for detecting human bodies in hazardous area.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3FS Datasheet(HTML) 4 Page - Omron Electronics LLC

  E3FS Datasheet HTML 1Page - Omron Electronics LLC E3FS Datasheet HTML 2Page - Omron Electronics LLC E3FS Datasheet HTML 3Page - Omron Electronics LLC E3FS Datasheet HTML 4Page - Omron Electronics LLC E3FS Datasheet HTML 5Page - Omron Electronics LLC E3FS Datasheet HTML 6Page - Omron Electronics LLC E3FS Datasheet HTML 7Page - Omron Electronics LLC E3FS Datasheet HTML 8Page - Omron Electronics LLC E3FS Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
D-33
E3FS
Specification of the E3FS types
DC Switching Models
Item
Emitter
E3FS-10LB...
Receiver
E3FS-10DB4...
Method of detection
Single beam
Power supply voltage
12 to 24V DC +/- 10% (ripple (p-p) 10%)
Current consumption (max.)
50 mA
25 mA
Rated sensing distance
10 m (Function reserve: +20%)
Standard object
Opaque 11 mm min.
Operation angle
+/- 5° (at 3 m)
Response time
2.0 ms
Control output
Transistor output PNP or NPN 100 mA max residual voltage: 2 V max at 100 mA
(for PNP and NPN type)
Test input (Emitter)
E3FS-10B___
(PNP)
Vcc to Vcc-2,5 V : Emitting OFF (Sink current: 3 mA max.)
Open or 0 to 2,5 V: Emitting ON (Leakage current: 0,1 mA max.)
Mode selection input (Receiver)
Connection to Vcc: Light ON (ON when incident)
Connection to 0 V: Dark ON (ON when interrupt)
Power reset time
100 ms
Ambient illumination
Incandescent lamp: 3000 lx max. Sunlight: 10000 lx max.
Ambient temperature [9]
Operating: -25 to 55°C; Storage: -30 to 70°C
Ambient humidity
Operating: 35% to 95%; Storage: 35% to 95%
Insulation resistance
20 M
W min. at 500 V DC between current carrying parts and case
Dielectric strength
1000 V AC, 50/60 Hz for 1 min between current carrying parts and case
Vibration
resistance
Durability
10 to 55 Hz, 1.5 mm double amplitude, each X, Y, Z direction 2 hours
Operation limit
10 to 55 Hz, 0,7 mm double amplitude, each X, Y, Z direction 50 min
Shock resistance
Durability
500 m/s² (approx. 50 g) each X, Y, Z directions for 3 times
Operation limit
100 m/s² (approx. 10 g) each X, Y, Z directions for 1,000 times
Enclosure ratings
IP67
Light source
Infrared
Indicators
Emitter: Orange / Light emission
Receiver: Green / ON-state, Red / OFF-state
Sensitivity adjustment
Fixed
Connection method
2 m pre-wired cable or connector
Operation mode
Light-ON or Dark-ON selectable by wiring
Weight for set
Plastic case
Metal case
Pre-wired cable models:
Approx. 150 g
Approx. 205 g
Connector models:
Approx. 55 g
Approx. 125 g
Circuit protection
Output short-circuit and power supply reverse polarity
Housing materials
Plastic, Nickel brass



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com