Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3FS Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E3FS
Description  Safety design for category 2. Suitable for detecting human bodies in hazardous area.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3FS Datasheet(HTML) 1 Page - Omron Electronics LLC

  E3FS Datasheet HTML 1Page - Omron Electronics LLC E3FS Datasheet HTML 2Page - Omron Electronics LLC E3FS Datasheet HTML 3Page - Omron Electronics LLC E3FS Datasheet HTML 4Page - Omron Electronics LLC E3FS Datasheet HTML 5Page - Omron Electronics LLC E3FS Datasheet HTML 6Page - Omron Electronics LLC E3FS Datasheet HTML 7Page - Omron Electronics LLC E3FS Datasheet HTML 8Page - Omron Electronics LLC E3FS Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
D-30
Safety Sensors / Components
±
Safety Photoelectric Switch
E3FS
Safety design for category 2.
Suitable for detecting human
bodies in hazardous area.
Main features
● The E3FS is a Type 2 Safety Single Beam intended to be
used with the control unit F3SP-U1P-TGR for the control
system of a machine to category 2, 1 or B as defined in the
European standard EN 954-1.
● Compliance with Machinery directive: No. 98/37/EC, EMC
Directive: No. 89/336/EEC, EN 61496-1 (06/98) (Type 2
ESPE), and IEC61496-2 (1997) (Type 2 Active
Optoelectronic Protection device).
● Approved by TÜV Product Service (Notified Body) as Type
2 ESPE (Electro-Sensitive-Protective-Equipment), Type 2
AOPD (Active Optoelectronic Protection device) and CE
marking.
● Pursuing safety with high level of safety design and FMEA.
● System configuration of up to four units is possible.
● With the control unit F3SP-U1P-TGR, two different muting
functions can be selected for each set of E3FS separately.
● Compact and space-saving (M18 DIN-sized threaded
cylindrical housing, axial type)
● Housing materials: plastic and nickel brass
● Connection: Pre-wired and M12 plug
● High enclosure ratings (IP67)
● Sensing distance 10m


Similar Part No. - E3FS

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3FS-10B4 2M OMRON-E3FS-10B4 2M Datasheet
2Mb / 14P
Single-beam Safety Sensor
2016.8
E3FS-10B4-M1-M OMRON-E3FS-10B4-M1-M Datasheet
2Mb / 14P
Single-beam Safety Sensor
2016.8
logo
Switchcraft, Inc.
E3FSC SWITCH-E3FSC Datasheet
1Mb / 1P
In two simple steps, inserts can be released while housing stays fastened to the panel
E3FSC SWITCH-E3FSC Datasheet
875Kb / 4P
EH Series Audio/Video/Data CONNECTORS
E3FSCAUQG SWITCH-E3FSCAUQG Datasheet
1Mb / 1P
In two simple steps, inserts can be released while housing stays fastened to the panel
More results

Similar Description - E3FS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
242 LITTELFUSE-242 Datasheet
90Kb / 1P
Hazardous Area Fuses
logo
Cynergy3 Co
LITTLE-EX CYNERGY3-LITTLE-EX Datasheet
725Kb / 1P
This series is for use in hazardous areas This is suitable for use in water
logo
PHOENIX CONTACT
BAR-ANT-N-N-EX PHOENIX-BAR-ANT-N-N-EX Datasheet
277Kb / 9P
Antenna barrier for the hazardous area
logo
Murata Manufacturing Co...
DLW32MH101XT2 MURATA1-DLW32MH101XT2 Datasheet
484Kb / 3P
Suitable for noise suppression at car area networks
Last updated07/26/2022
DLW32MH201XK2 MURATA1-DLW32MH201XK2 Datasheet
329Kb / 3P
Suitable for noise suppression at car area networks.
Last updated07/26/2022
DLW32MH201YK2 MURATA1-DLW32MH201YK2 Datasheet
595Kb / 3P
Suitable for noise suppression at car area networks.
Last updated08/01/2022
logo
G.M. International
PSD1001 GMI-PSD1001 Datasheet
250Kb / 2P
SIL 3 - SIL 2 Quad ch. Power Supply for Hazardous Area Equipment for Hazardous Area Equipment
PSD5201 GMI-PSD5201 Datasheet
131Kb / 2P
I.S. SIL3 Power Supply for Hazardous Area Equipment
logo
STEGO Elektrotechnik Gm...
CREX020-T4 STEGO-CREX020-T4 Datasheet
325Kb / 1P
HAZARDOUS AREA HEATER
23.08.2022
CREX020-T5 STEGO-CREX020-T5 Datasheet
297Kb / 1P
HAZARDOUS AREA HEATER
23.08.2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com