Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74HC237AF Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC74HC237AF
Description  3-to-8 Line Decoder/Latch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC237AF Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC74HC237AF Datasheet HTML 1Page - Toshiba Semiconductor TC74HC237AF Datasheet HTML 2Page - Toshiba Semiconductor TC74HC237AF Datasheet HTML 3Page - Toshiba Semiconductor TC74HC237AF Datasheet HTML 4Page - Toshiba Semiconductor TC74HC237AF Datasheet HTML 5Page - Toshiba Semiconductor TC74HC237AF Datasheet HTML 6Page - Toshiba Semiconductor TC74HC237AF Datasheet HTML 7Page - Toshiba Semiconductor TC74HC237AF Datasheet HTML 8Page - Toshiba Semiconductor TC74HC237AF Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TC74HC237AP/AF
2007-10-01
4
Electrical Characteristics
DC Characteristics
Test Condition
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
VCC (V)
Min
Typ.
Max
Min
Max
Unit
High-level input
voltage
VIH
⎯
2.0
4.5
6.0
1.50
3.15
4.20
⎯
⎯
⎯
⎯
⎯
⎯
1.50
3.15
4.20
⎯
⎯
⎯
V
Low-level input
voltage
VIL
⎯
2.0
4.5
6.0
⎯
⎯
⎯
⎯
⎯
⎯
0.50
1.35
1.80
⎯
⎯
⎯
0.50
1.35
1.80
V
IOH = −20 μA
2.0
4.5
6.0
1.9
4.4
5.9
2.0
4.5
6.0
⎯
⎯
⎯
1.9
4.4
5.9
⎯
⎯
⎯
High-level output
voltage
VOH
VIN
= VIH or VIL
IOH = −4 mA
IOH = −5.2 mA
4.5
6.0
4.18
5.68
4.31
5.80
⎯
⎯
4.13
5.63
⎯
⎯
V
IOL = 20 μA
2.0
4.5
6.0
⎯
⎯
⎯
0.0
0.0
0.0
0.1
0.1
0.1
⎯
⎯
⎯
0.1
0.1
0.1
Low-level output
voltage
VOL
VIN
= VIH or VIL
IOL = 4 mA
IOL = 5.2 mA
4.5
6.0
⎯
⎯
0.17
0.18
0.26
0.26
⎯
⎯
0.33
0.33
V
Input leakage
current
IIN
VIN = VCC or GND
6.0
⎯
⎯
±0.1
⎯
±1.0
μA
Quiescent supply
current
ICC
VIN = VCC or GND
6.0
⎯
⎯
4.0
⎯
40.0
μA
Timing Requirements (input: tr = tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
=
−40
~85°C
Characteristics
Symbol
VCC (V)
Typ.
Limit
Limit
Unit
Minimum pulse width
( GL )
tW (L)
⎯
2.0
4.5
6.0
⎯
⎯
⎯
75
15
13
95
19
16
ns
Minimum set-up time
(A, B, C- GL )
ts
⎯
2.0
4.5
6.0
⎯
⎯
⎯
50
10
9
65
13
11
ns
Minimum hold time
(A, B, C- GL )
th
⎯
2.0
4.5
6.0
⎯
⎯
⎯
25
5
5
30
6
5
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com