Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74HC237AF Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74HC237AF
Description  3-to-8 Line Decoder/Latch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC237AF Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74HC237AF Datasheet HTML 1Page - Toshiba Semiconductor TC74HC237AF Datasheet HTML 2Page - Toshiba Semiconductor TC74HC237AF Datasheet HTML 3Page - Toshiba Semiconductor TC74HC237AF Datasheet HTML 4Page - Toshiba Semiconductor TC74HC237AF Datasheet HTML 5Page - Toshiba Semiconductor TC74HC237AF Datasheet HTML 6Page - Toshiba Semiconductor TC74HC237AF Datasheet HTML 7Page - Toshiba Semiconductor TC74HC237AF Datasheet HTML 8Page - Toshiba Semiconductor TC74HC237AF Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC74HC237AP/AF
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC237AP,TC74HC237AF
3-to-8 Line Decoder/Latch
The TC74HC237A is a high speed CMOS 3-to-8 LINE
DECODER ADDRESS LATCH fabricated with silicon gate
C2MOS technology.
It achieves the high speed operation similar to equivalent
LSTTL while maintaining the CMOS low power dissipation.
It is composed of a 3-bit input latches with a common GL
enable input and 3-to-8 line decoder with enable inputs G1 and
2
G . The 3-bit binary data is stored into the input latch on the
high level of GL . The value of this data determines which one of
the outputs will go low.
When the enable input G1 is held low or
2
G
is held high,
decoding function is inhibited and all the 8 outputs go high. The
two enable inputs are provided to ease cascade connection and
permits the application address decoder for memory system.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: tpd = 12 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Output drive capability: 10 LSTTL loads
• Symmetrical output impedance: |IOH| = IOL = 4 mA (min)
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2~6 V
• Pin and function compatible with 74LS237
Pin Assignment
TC74HC237AP
TC74HC237AF
Weight
DIP16-P-300-2.54A
: 1.00 g (typ.)
SOP16-P-300-1.27A
: 0.18 g (typ.)


Similar Part No. - TC74HC237AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC237AF TOSHIBA-TC74HC237AF Datasheet
299Kb / 7P
3- TO - 8 LINE DECODER/LATCH
More results

Similar Description - TC74HC237AF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC131 STMICROELECTRONICS-M54HC131 Datasheet
262Kb / 12P
3 TO 8 LINE DECODER/LATCH
Oct-1992
M54HC137 STMICROELECTRONICS-M54HC137 Datasheet
256Kb / 11P
3 TO 8 LINE DECODER/LATCH INVERTING
Feb-1993
M54HC237 STMICROELECTRONICS-M54HC237 Datasheet
256Kb / 11P
3 TO 8 LINE DECODER LATCH
Oct-1992
M54HCT137 STMICROELECTRONICS-M54HCT137 Datasheet
260Kb / 12P
3 TO 8 LINE DECODER/LATCH INVERTING
Feb-1993
logo
Fairchild Semiconductor
MM74HC259 FAIRCHILD-MM74HC259 Datasheet
76Kb / 7P
8-Bit Addressable Latch/3-to-8 Line Decoder
logo
Toshiba Semiconductor
TC74HC237AP TOSHIBA-TC74HC237AP Datasheet
299Kb / 7P
3- TO - 8 LINE DECODER/LATCH
logo
STMicroelectronics
M74HC237 STMICROELECTRONICS-M74HC237 Datasheet
181Kb / 11P
3 TO 8 LINE DECODER LATCH
Jul-2001
M54HC237 STMICROELECTRONICS-M54HC237_04 Datasheet
196Kb / 10P
RAD-HARD 3 TO 8 LINE DECODER LATCH
Apr-2004
M54HC137 STMICROELECTRONICS-M54HC137_04 Datasheet
224Kb / 10P
RAD-HARD 3 TO 8 LINE DECODER/LATCH (INVERTING)
Mar-2004
logo
Renesas Technology Corp
HD74HC237 RENESAS-HD74HC237 Datasheet
72Kb / 10P
3-to-8-line Decoder/Demultiplexer with Address Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com