Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74HC259AF Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74HC259AF
Description  8-Bit Addressable Latch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC259AF Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74HC259AF Datasheet HTML 1Page - Toshiba Semiconductor TC74HC259AF Datasheet HTML 2Page - Toshiba Semiconductor TC74HC259AF Datasheet HTML 3Page - Toshiba Semiconductor TC74HC259AF Datasheet HTML 4Page - Toshiba Semiconductor TC74HC259AF Datasheet HTML 5Page - Toshiba Semiconductor TC74HC259AF Datasheet HTML 6Page - Toshiba Semiconductor TC74HC259AF Datasheet HTML 7Page - Toshiba Semiconductor TC74HC259AF Datasheet HTML 8Page - Toshiba Semiconductor TC74HC259AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TC74HC259AP/AF/AFN
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC259AP,TC74HC259AF,TC74HC259AFN
8-Bit Addressable Latch
The TC74HC259A is a high speed CMOS ADDRESSABLE
LATCH fabricated with silicon gate C2MOS technology.
It achieve the high speed operation similar to equivalent
LSTTL while maintaining the CMOS low power dissipation.
The respective bits are controlled by address inputs A, B, and
C. When CLEAR input is held high and enable input G is held
low, the data is written into the bit selected by address inputs,
the other bit hold their previous conditions.
When both CLEAR and G held high, writing of all bits is
inhibited regardless of adress inputs, and their previous
condition are held. When CLEAR is held low and G is held
high, all bits are resent to low regardless of the other inputs.
When both of CLEAR and G held low, all bits which isn’t
selected by adress inputs are resent to low.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: tpd = 15 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Output drive capability: 10 LSTTL loads
• Symmetrical output impedance: |IOH| = IOL = 4 mA (min)
•
Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2~6 V
• Pin and function compatible with 74LS259
Pin Assignment
Note: xxxFN (JEDEC SOP) is not available in
Japan.
TC74HC259AP
TC74HC259AF
TC74HC259AFN
Weight
DIP16-P-300-2.54A
: 1.00 g (typ.)
SOP16-P-300-1.27A
: 0.18 g (typ.)
SOL16-P-150-1.27
: 0.13 g (typ.)


Similar Part No. - TC74HC259AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC259AF TOSHIBA-TC74HC259AF Datasheet
310Kb / 8P
TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC259AFN TOSHIBA-TC74HC259AFN Datasheet
310Kb / 8P
TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

Similar Description - TC74HC259AF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4724B STMICROELECTRONICS-HCC4724B Datasheet
302Kb / 14P
8 BIT ADDRESSABLE LATCH
Sep-1988
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
8-Bit Addressable Latch
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
8-bit Addressable Latch
logo
Renesas Technology Corp
HD74AC259 RENESAS-HD74AC259 Datasheet
217Kb / 8P
8-bit Addressable Latch
logo
NXP Semiconductors
74HC259 NXP-74HC259 Datasheet
134Kb / 21P
8-bit addressable latch
Rev. 04-25 February 2009
logo
Texas Instruments
NTE4099B TI-NTE4099B Datasheet
976Kb / 16P
8-Bit Addressable Latch
logo
NXP Semiconductors
74HC_HCT259 PHILIPS-74HC_HCT259_15 Datasheet
162Kb / 22P
8-bit addressable latch
Rev. 5-7 August 2012
logo
ON Semiconductor
MC74AC259 ONSEMI-MC74AC259_15 Datasheet
96Kb / 9P
8-Bit Addressable Latch
March, 2015 ??Rev. 7
logo
National Semiconductor ...
93L34 NSC-93L34 Datasheet
93Kb / 8P
8-Bit Addressable Latch
June 1989
logo
Toshiba Semiconductor
TC40H259P TOSHIBA-TC40H259P Datasheet
230Kb / 5P
8-BIT ADDRESSABLE LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com