Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JDP2S05FS Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # JDP2S05FS
Description  UHF~VHF Band RF Switch Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

JDP2S05FS Datasheet(HTML) 2 Page - Toshiba Semiconductor

  JDP2S05FS Datasheet HTML 1Page - Toshiba Semiconductor JDP2S05FS Datasheet HTML 2Page - Toshiba Semiconductor JDP2S05FS Datasheet HTML 3Page - Toshiba Semiconductor JDP2S05FS Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
JDP2S05FS
2007-11-01
2
TYPICAL PERFORMANCE CURVES (Ta = 25°C)
rs - f
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
1000
2000
3000
4000
FREQUENCY f(MHz)
IF=1mA
IF=3mA
IF=10mA
Cs - f
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0
1000
2000
3000
4000
FREQUENCY f(MHz)
VR=0V
Ls - f
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
1000
2000
3000
4000
FREQUENCY f(MHz)
IF=10mA
Ct - VR
0.1
1
0.001
0.01
0.1
1
10
100
REVERSE VOLTAGE VR(V)
f = 1MHz
Vsig = 100mVrms
IF - VF
1E-11
1E-10
1E-09
1E-08
1E-07
1E-06
1E-05
0.0001
0.001
0.01
0.1
1
0
0.2
0.4
0.6
0.8
1
1.2
FORWARD VOLTAGE VF(V)
Switching recovery characteristic
-15
-10
-5
0
5
10
15
02
46
8
10
TIME T(μs)
IF = 10mA(ON state)
VR = 0V(OFF state)
RL = Rs = 50
Ω



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com