Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JDP2S05FS Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # JDP2S05FS
Description  UHF~VHF Band RF Switch Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

JDP2S05FS Datasheet(HTML) 3 Page - Toshiba Semiconductor

  JDP2S05FS Datasheet HTML 1Page - Toshiba Semiconductor JDP2S05FS Datasheet HTML 2Page - Toshiba Semiconductor JDP2S05FS Datasheet HTML 3Page - Toshiba Semiconductor JDP2S05FS Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
JDP2S05FS
2007-11-01
3
PD - Ta
0
20
40
60
80
100
120
140
160
0
50
100
150
200
AMBIENT TEMPERATURE Ta(°C)
When mounted on glass
epoxy board
board size :
20mm× 20mm × 1.6mmt
Cu foot area :
4mm × 4mm × 0.035mmt



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com