Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP628 Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TLP628
Description  Programmable Controllers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP628 Datasheet(HTML) 7 Page - Toshiba Semiconductor

  TLP628 Datasheet HTML 1Page - Toshiba Semiconductor TLP628 Datasheet HTML 2Page - Toshiba Semiconductor TLP628 Datasheet HTML 3Page - Toshiba Semiconductor TLP628 Datasheet HTML 4Page - Toshiba Semiconductor TLP628 Datasheet HTML 5Page - Toshiba Semiconductor TLP628 Datasheet HTML 6Page - Toshiba Semiconductor TLP628 Datasheet HTML 7Page - Toshiba Semiconductor TLP628 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TLP628,TLP628
−2,TLP628−4
2007-10-01
7
VCE(sat)– Ta
Ambient temperature Ta (°C)
0.20
0
0.16
0.12
0.08
0.04
100
-20
0
20
40
60
80
IF = 5 mA
IC = 1 mA
IC / IF – IF
Forward current IF (mA)
1000
1
0.3
10
1
10
100
100
Ta = 25°C
VCE = 5 V
VCE = 0.4 V
Sample B
Sample A
Switching Time – RL
Load resistance RL (kΩ)
1000
1
1
100
10
3
10
30
300
5
30
500
300
50
3
5
50
100
IF = 16 mA
VCC = 5 V
Ta = 25°C
tOFF
ts
tON
IC – Ta
Ambient temperature Ta (°C)
0.1
10
5
1
-20
0
20
40
60
100
80
30
3
0.5
0.3
VCE = 5 V
IF = 5 mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com